Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LU3CMF Datasheet(PDF) 2 Page - IOGEAR

Part # G2LU3CMF
Description  USB-C Male to Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LU3CMF Datasheet(HTML) 2 Page - IOGEAR

  G2LU3CMF Datasheet HTML 1Page - IOGEAR G2LU3CMF Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
-USB- C enabled device
Package Contents
1x G2LU3CMF
Specifications
Function
G2LU3CMF
Cable Length
1 ft
Device Connection
USB-C Male to Female
Transfer Rate
USB 3.1 Gen 1
Operating System Support
Windows XP®, Windows Vista®, Windows®
7, Windows® 8, Windows® 8.1, Windows®
10 / Mac OS X v8.6 and above
Dimensions
G2LU3CMF
Unit Dimensions
Length
1 ft
Unit Package Dimensions
Height
7.9" (Polybag)
Width
3.9" (Polybag)
Depth
0.3"
Master Carton
Height
8.6"
Width
14.1"
Depth
5.9"
Master Carton Qty.
100 pcs
Weight
Master Carton Wt.
5.5 lbs
Unit Pack Wt.
0.05 lbs
Unit Wt.
0.05lbs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com