Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSP2 Datasheet(PDF) 3 Page - IOGEAR

Part # GDPSP2
Description  2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPSP2 Datasheet(HTML) 3 Page - IOGEAR

  GDPSP2 Datasheet HTML 1Page - IOGEAR GDPSP2 Datasheet HTML 2Page - IOGEAR GDPSP2 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GDPSP2
Cable Connections
Input
DisplayPort 1.2
Output
DisplayPort
Connectors
Video Input
1 x DisplayPort Female
Video Output
2 x DisplayPort Female
Data Rate
Up to 5.4Gbps
Environment
Humidity
20~90% RH (Non Condensing)
Operation Temperature
32ºF~104ºF (0ºC~40ºC)
Storage Temperature
-4ºF~140ºF (-20ºC~60ºC)
Housing
Case
Metal
LEDs
Input
1
Output
2
Power
Amps
2A
Voltage
DC 5V
Video Resolution
Up to 4K@60Hz
Audio
Codec
2-Ch LPCM / AC3 / DTS
Sample Rate
32-192kHz
Dimensions
GDPSP2
Unit Dimensions
Height
1" (2.5 cm)
Depth
4.4" (11.1 cm)
Length
3" (7.6 cm)
Unit Package Dimensions
Width
9.4" (23.8 cm)
Height
2.32" (5.9 cm)
Depth
6.3" (16 cm)
Master Carton
Width
14.89" (37.8 cm)
Height
10.04 " (25.5 cm)
Depth
7.17" (18.2 cm)
Master Carton Qty.
6
Weight
Master Carton Wt.
8.95 lb
Unit Pack Wt.
1.3 lb (0.6 kg)
Unit Wt.
0.45 lb (0.2 kg)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com