Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHDC2003 Datasheet(PDF) 2 Page - IOGEAR

Part # GHDC2003
Description  Premium High Speed HDMI짰 Cable 9.8 ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDC2003 Datasheet(HTML) 2 Page - IOGEAR

  GHDC2003 Datasheet HTML 1Page - IOGEAR GHDC2003 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Display
1 HDMI Input
Media Source
1 HDMI Output
Package Contents
1 x 9.8ft Certified Premium 4K HDMI Cable
Specifications
Function
GHDC2003
Cable Length
3m
Cable Connections
Input
HDMI
Output
HDMI
Dimensions
GHDC2003
POP Information
10'' Peg Hook
10
6'' Peg Hook
6
Unit Dimensions
Length
9.8'
Unit Package Dimensions
Width
6.3"
Height
10.9"
Depth
0.5"
Master Carton
Width
19"
Height
6.75"
Depth
12.25"
Master Carton Qty.
24
Weight
Master Carton Wt.
10.8lb
Unit Pack Wt.
0.44lb
Unit Wt.
0.42lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com