Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87700AL Datasheet(PDF) 13 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 13 Page - Microchip Technology

Back Button SY87700AL Datasheet HTML 9Page - Microchip Technology SY87700AL Datasheet HTML 10Page - Microchip Technology SY87700AL Datasheet HTML 11Page - Microchip Technology SY87700AL Datasheet HTML 12Page - Microchip Technology SY87700AL Datasheet HTML 13Page - Microchip Technology SY87700AL Datasheet HTML 14Page - Microchip Technology SY87700AL Datasheet HTML 15Page - Microchip Technology SY87700AL Datasheet HTML 16Page - Microchip Technology SY87700AL Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006628A-page 13
SY87700AL
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Example
32-Lead TQFP*
XXXXXX –
XXXXXXXXXXX
WWNNN
MICREL –
SY87700ALHG
32551
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com