Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA100 Datasheet(PDF) 13 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TA100 Datasheet HTML 9Page - Microchip Technology TA100 Datasheet HTML 10Page - Microchip Technology TA100 Datasheet HTML 11Page - Microchip Technology TA100 Datasheet HTML 12Page - Microchip Technology TA100 Datasheet HTML 13Page - Microchip Technology TA100 Datasheet HTML 14Page - Microchip Technology TA100 Datasheet HTML 15Page - Microchip Technology TA100 Datasheet HTML 16Page - Microchip Technology TA100 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
...........continued
Parameters
Symbol
Min. Typ. Max. Units Type(4)
Idle Tmer
tIDLE(2)
0.85
1
1.15
s
B
Rate at which the Nonvolatile Portion of Monotonic Counter
Increments
tMONOTONIC
42
51
60
s
B
Noise Suppression on RESET Input Pin
tRESET_NOISE(3)
0
—
0.150
µs
A
Minimum Allowed Reset Pulse
tRESET_MIN(3)
1.0
—
—
µs
A
GPIO_3 Transition Ignored, Measured Starting with the Last
Bit of Power (Sleep)
tSLEEP_WAKE
—
—
250
µs
A
Low-Pulse Width for GPIO_3 High to Wake TA100
tWAKE_GPIO_LOW 40
—
—
µs
A
Watchdog Time-out Value
tWATCHDOG
900 1000 1100
ms
B
Notes: 
1.
Various situations can cause the power-up delays to exceed these parameters as follows:
– If the power-on or the wake self-test functions are enabled in the configuration area, the execution of
those self-test operations will increase the delay.
– If an internal failure occurs to cause a boot event, then, there may be an additional delay during the boot
to write the internal failure log in the nonvolatile memory within the chip.
– If a device update is started but does not complete due to a power interruption, on the next power-up,
some cleanup may be required and may take additional time.
– If the 1 minute timer is enabled and is being updated in the nonvolatile memory concurrent with the
wake event, the device will accept an Input command after tPU_SLEEP/tPU_POWERON, but will not start the
execution of that command until the nonvolatile update is complete.
2.
The idle timer specifications here assume that the idle timer is enabled and configured for 1 second. It is
recommended that these times be multiplied by the delay time value set in the idle timer configuration field if
that is not 1.
3.
All noise pulses ≤ tRESET_NOISE are assured to be suppressed. All pulse widths ≥ tRESET_MIN are assured to
pass to the device. Pulses in between these values may or may not be suppressed.
4.
Type Means: A = 100% Tested, B = Characterized.
6.3.2
I2C Interface Timing
Table 6-5. AC Characteristics of I2C Interface
Applicable over the recommended operating range from TA = -40°C to +125°C, VCC = +2.7V to +5.5V.
Parameters
Symbol
Fast-Mode Plus
Units
Min.
Max.
SCL Clock Frequency
fSCL
—
1000
kHz
SCL High Time
tHIGH
260
—
ns
SCL Low Time
tLOW
500
—
ns
Start Setup Time
tSU.STA
260
—
ns
Start Hold Time
tHD.STA
260
—
ns
Stop Setup Time
tSU.STO
260
—
ns
Data in Setup Time
tSU.DAT
50
—
ns
Data in Hold Time
tHD.DAT
0
—
ns
Input Rise Time(1, 3)
tR
—
120
ns
TA100 (B5)
Electrical Characteristics
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com