Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715/Y9X Datasheet(PDF) 20 Page - Microchip Technology

Part # USB4715/Y9X
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715/Y9X Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB4715/Y9X Datasheet HTML 16Page - Microchip Technology USB4715/Y9X Datasheet HTML 17Page - Microchip Technology USB4715/Y9X Datasheet HTML 18Page - Microchip Technology USB4715/Y9X Datasheet HTML 19Page - Microchip Technology USB4715/Y9X Datasheet HTML 20Page - Microchip Technology USB4715/Y9X Datasheet HTML 21Page - Microchip Technology USB4715/Y9X Datasheet HTML 22Page - Microchip Technology USB4715/Y9X Datasheet HTML 23Page - Microchip Technology USB4715/Y9X Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
USB4715
DS00002514B-page 20
2022 Microchip Technology Inc. and its subsidiaries
5.1.8
HUB CONNECT STAGE (USB_ATTACH)
Once the hub registers are updated through default values, SMBus master, and OTP, the device firmware will enable
attaching the USB host by setting the USB_ATTACH bit in the HUB_CMD_STAT register. The device will remain in the
Hub Connect stage indefinitely until the VBUS function is deasserted/assertion of external RESET_N pin.
5.1.9
NORMAL MODE (NORMAL_MODE)
Lastly, the hub enters Normal Mode of operation. In this stage full USB operation is supported under control of the USB
Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the USB
Host.
If
RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any of the designated
hub stages. Asserting a soft disconnect on the upstream port will cause the hub to return to the Hub Connect stage until
the soft disconnect is negated.
Note:
Changes to hub registers made in OTP memory space are not visible via SMBus during CFG_SOC stage.
Any register which is modified via SMBus during SOC_CFG and also modified in the OTP memory will exit
the configuration stages with the value as programmed in the OTP memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com