Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252P-I/KDX Datasheet(PDF) 7 Page - Microchip Technology

Part # USB7252P-I/KDX
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252P-I/KDX Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB7252P-I/KDX Datasheet HTML 3Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 4Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 5Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 6Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 7Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 8Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 9Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 10Page - Microchip Technology USB7252P-I/KDX Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003561A-page 7
USB7252P
The USB7252P requires an external SPI Flash memory device for USB Power Delivery operation. A Firmware image
must be loaded to the external SPI Flash memory device before USB Power Delivery can become functional. The inter-
nal ROM firmware image does not include any USB Power Delivery support and exists only to facilitate the programming
of the SPI Flash (via upstream USB port) during production and manufacturing. Custom OEM configurations are sup-
ported through external SPI ROM or OTP ROM. All port control signal pins are under firmware control in order to allow
for maximum operational flexibility and are available as GPIOs for customer specific use.
The USB7252P is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature range. An internal
block diagram of the USB7252P in an upstream Type-C application is shown in Figure 2-1.
FIGURE 2-1:
USB7252P INTERNAL BLOCK DIAGRAM - UPSTREAM TYPE-C APPLICATION
Note:
All port numbering in this document is LOGICAL port numbering with the device in the default configuration.
LOGICAL port numbering is the numbering as communicated to the USB host. It is the end result after any
port number remapping or port disabling. The PHYSICAL port number is the port number with respect to
the physical PHY on the chip. PHYSICAL port numbering is fixed and the settings are not impacted by
LOGICAL port renumbering/remapping. Certain port settings are made with respect to LOGICAL port num-
bering, and other port settings are made with respect to PHYSICAL port numbering. Refer to the “Config-
uration of USB7202/USB7206/USB725x” application note for details on the LOGICAL vs. PHYSICAL
mapping and additional configuration details.
Hub Controller Logic
I2C/SPI
25 Mhz
USB3 USB2
P4
‘A’
USB7252P
PHY0
+3.3 V
VCORE
P3
‘A’
PHY5
PHY2
PHY5
PHY1
PHY2
‘B’
PHY1
‘A’
PHY3
PHY4
‘B’
PHY3
‘A’
PHY0
P0
‘C’
X-BAR
MUX
Alternate
Mode
UPD3x0
CC
PD Power
Up to
100W
VBUS
P2
‘C’
P1
‘C’
CC
CC
Hub Feature Controller
GPIO SMB
OTP
SPI
I
2S
UART
Mux
HFC
PHY
SQI
SPI
Flash
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com