Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACC-ARS-SW Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ACC-ARS-SW
Description  Separation wall for intrinsically safe spur port application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ACC-ARS-SW Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ACC-ARS-SW Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Separation wall for intrinsically safe
spur port application
ACC-ARS-SW
< Designed for use with Ethernet APL rail field switches
Separation wall for intrinsically safe port application (packaging unit: 2 pieces)
Function
The separation wall is intended to be installed on the APL field switch with spurs used in type of protection Ex ic. The separation wall ensures a
clearance of 50 mm between the non-intrinsically safe circuits as, e. g. the Ethernet ports P1 ... P4 or circuits of other equipment installed near the
switch, and the intrinsically safe spur terminals.
Dimensions
158
2
Technical Data
Mechanical specifications
Material
Polycarbonate
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - ACC-ARS-SW

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ACC-ARS-WMK PF-ACC-ARS-WMK Datasheet
300Kb / 1P
Wall mounting kit
More results

Similar Description - ACC-ARS-SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
Intrinsically Safe Sensors
logo
Cynergy3 Co
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
Intrinsically Safe Pressure Transducer
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
Intrinsically safe Ethernet Isolator
EX-MP4A PF-EX-MP4A Datasheet
161Kb / 2P
Intrinsically safe infrared thermometer
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NU_DZ1 PF-IDENT-EX01NU_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01ZF_DZ1 PF-IDENT-EX01ZF_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
LB9182A PF-LB9182A Datasheet
626Kb / 1P
Separation Wall
2020-04-30
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com