Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSTYA100 Datasheet(PDF) 3 Page - IOGEAR

Part # GSTYA100
Description  PenScript??Active Stylus for Smartphones and Tablets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GSTYA100 Datasheet(HTML) 3 Page - IOGEAR

  GSTYA100 Datasheet HTML 1Page - IOGEAR GSTYA100 Datasheet HTML 2Page - IOGEAR GSTYA100 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GSTYA100
Battery Type
1 x AAA
Housing
Case
Anodized aluminum
LEDs
Power On
Green
Dimensions
GSTYA100
POP Information
10'' Peg Hook
9
6'' Peg Hook
6
Unit Dimensions
Height
5.59 inch (14.2 cm)
Depth
0.47 inch (1.2 cm)
Length
0.47 inch (1.2 cm)
Inner Pack
Width
5.11 inch (13 cm)
Height
8.66 inch (22 cm)
Length
2.95 inch (7.5 cm)
Inner Pack Qty.
6
Unit Package Dimensions
Width
2.4 inch (6.1 cm)
Height
8.18 inch (20.8 cm)
Depth
0.86 inch (2.2 cm)
Master Carton
Width
10.22 inch (25.96 cm)
Height
17.32 inch (43.99 cm)
Depth
5.9 inch (14.99 cm)
Master Carton Qty.
24
Weight
Master Carton Wt.
4.1 lb. (1.86 kgs)
Inner Pack Wt.
0.85 lb. (0.4 kgs)
Unit Pack Wt.
0.15 lb. (0.06 kgs)
Unit Wt.
0.05 lb. (0.02 kgs)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com