Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP17N50LPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFP17N50LPBF
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP17N50LPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFP17N50LPBF Datasheet HTML 1Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 2Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 3Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 4Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 5Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 6Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 7Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 8Page - Vishay Siliconix IRFP17N50LPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
Document Number: 91205
2
S11-0446-Rev. B, 14-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRFP17N50L, SiHFP17N50L
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 μs; duty cycle ≤ 2 %.
c. COSS eff. is a fixed capacitance that gives the same charging time as COSS while VDS is rising fom 0 % to 80 % VDS.
COSS eff. (ER) is a fixed capacitance that stores the same energy as COSS while VDS is rising fom 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-0.56
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
Reference to 25 °C, ID = 1 mAd
-0.60
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
50
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
2.0
mA
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 9.9 Ab
-
0.28
0.32
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 9.9 Ab
11
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
2760
-
pF
Output Capacitance
Coss
-
325
-
Reverse Transfer Capacitance
Crss
-37
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V , f = 1.0 MHz
-
3690
-
VDS = 400 V , f = 1.0 MHz
-
84
-
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 V
-
159
-
Effective Output Capacitance
(Energy Related)
Coss eff. (ER)
-
120
-
Internal Gate Resistance
Rg
f = 1 MHz, open drain
-
1.4
-
Ω
Total Gate Charge
Qg
VGS = 10 V
ID = 16 A, VDS = 400 V
see fig. 7 and 15b
-
-
130
nC
Gate-Source Charge
Qgs
--
33
Gate-Drain Charge
Qgd
--
59
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 16 A
RG = 7.5
Ω, VGS = 10 V
see fig. 14a and 14bb
-21
-
ns
Rise Time
tr
-51
-
Turn-Off Delay Time
td(off)
-50
-
Fall Time
tf
-28
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
16
A
Pulsed Diode Forward Currenta
ISM
--
64
Body Diode Voltage
VSD
TJ = 25 °C, IS = 16 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C
IF = 16 A,
dI/dt = 100 A/μsb
-
170
250
ns
TJ = 125 °C
-
220
330
Body Diode Reverse Recovery Charge
Qrr
TJ = 25 °C
-
470
710
μC
TJ = 125 °C
-
810
1210
Reverse Recovery Current
IRRM
TJ = 25 °C
-
7.3
11
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com