Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2PCIE412-D Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PCIE412-D
Description  Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE412-D Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PCIE412-D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE412-D Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8788B
01/23/06
PI2PCIE412-D
Enhanced, 1.8V, PCI Express Compliant,
4-Differential Channel, 2:1 Mux/DeMux Switch
Storage Temperature ....................................................–65°C to +150°C
Supply Voltage to Ground Potential ................................–0.5V to +2.5V
DC Input Voltage ...............................................................–0.5V to VCC
DC Output Current .......................................................................120mA
Power Dissipation ...........................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C, VCC = 1.5V to 2.0V)
Paramenter
Description
Test Conditions(1)
Min
Typ(2)
Max
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x VCC
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
0.35 x VCC
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±5
Dynamic Electrical Characteristics Over the Operating Range (TA= -40º to +85ºC, VCC = 1.8V±10%, GND=0V)
Parameter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
See Fig. 1 for Measurement Setup, f = 10 MHz
-65
dB
OIRR
OFF Isolation
See Fig. 2 for Measurement Setup, f = 10 MHz
-65
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 1.8V, TA = 25°C ambient and maximum loading.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
200
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com