Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAPM44 Datasheet(PDF) 1 Page - Schneider Electric

Part # XAPM44
Description  Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 220 x 77 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XAPM44 Datasheet(HTML) 1 Page - Schneider Electric

  XAPM44 Datasheet HTML 1Page - Schneider Electric XAPM44 Datasheet HTML 2Page - Schneider Electric XAPM44 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
To be discontinued
Harmony XAP, XB2 SL, Empty
control station, zinc alloy, blue,
undrilled, 80 x 220 x 77 mm
XAPM44
To be discontinued on: 30 June 2022
To be end-of-service on: 30 June 2022
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 316.00 USD
Main
Range of Product
Harmony XAP
Product or Component Type
Die-cast empty control station
Device short name
XAPM
Product front plate size
80 x 220 mm
Usable depth
2.93 in (74.5 mm)
Number of cut-out
Undrilled
Colour of base of enclosure
Blue
Colour of cover
Blue
Material
Zinc alloy
Cable entry
1 hole without blanking plug for cable gland 0.71 in (18 mm)
Product mounting
Flush mounting
IP degree of protection
IP65 IEC 60529
Complementary
Net weight
3.11 lb(US) (1.41 kg)
Environment
Protective treatment
TC
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Electrical shock protection
class
Class I IEC 60536
Class I NF C 20-030
Ordering and shipping details
Category
18406 - WORLD SERVICE PARTS(OTHER OP INT)
Discount Schedule
CS2
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Feb 10, 2022
1


Similar Part No. - XAPM44

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XAPM4508 SCHNEIDER-XAPM4508 Datasheet
151Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 8 cut-outs, 횠22, 80 x 220 x 77 mm
Feb 25, 2022
XAPM4508H29 SCHNEIDER-XAPM4508H29 Datasheet
151Kb / 3P
die-cast empty control station - XAPM - 횠 22 - zinc alloy - 8 openings
Feb 25, 2022
More results

Similar Description - XAPM44

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XAPG29400 SCHNEIDER-XAPG29400 Datasheet
122Kb / 2P
Harmony XAP, Empty control station, zinc alloy, grey, undrilled, 횠22, 130 x 80 x 77 mm
Feb 10, 2022
XAPG49504 SCHNEIDER-XAPG49504 Datasheet
104Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, grey, 4 cut-outs 22mm, 80 x 220 x 77 mm
Feb 10, 2022
XAPM11 SCHNEIDER-XAPM11 Datasheet
160Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 80 x 51.5 mm
Feb 10, 2022
XAPM14 SCHNEIDER-XAPM14 Datasheet
160Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 80 x 77 mm
Feb 10, 2022
XAPM1501 SCHNEIDER-XAPM1501 Datasheet
141Kb / 4P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 1 cut-out, 횠22, 80 x 80 x 77 mm
Feb 10, 2022
XAPM34 SCHNEIDER-XAPM34 Datasheet
145Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 175 x 77 mm
Feb 10, 2022
XAPM34H29 SCHNEIDER-XAPM34H29 Datasheet
151Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, with ISO cable entries, 80 x 175 x 77 mm
Feb 10, 2022
XAPM24 SCHNEIDER-XAPM24 Datasheet
145Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 130 x 77 mm
Feb 25, 2022
XAPM31 SCHNEIDER-XAPM31 Datasheet
145Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, undrilled, 80 x 175 x 51.5 mm
Feb 25, 2022
XAPM4508 SCHNEIDER-XAPM4508 Datasheet
151Kb / 3P
Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 8 cut-outs, 횠22, 80 x 220 x 77 mm
Feb 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com