Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C410BAE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C410BAE
Description  Clock Generator for Intel PCI-Express Server Chipset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410BAE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C410BAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C410BAE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PI6C410B
Clock Generator for Intel PCI-Express Server Chipset
9
PS8811A
02/01/06
Power Down (PWRDWN assertion)
Figure 1. Power down sequence
PWRDWN
CPU, 133MHz
CPU#, 133MHz
SRC, 100MHz
SRC#, 100MHz
USB, 48MHz
PCI, 33MHz
REF, 14.318MHz
Power Down (PWRDWN De-assertion)
Figure 2. Power down de-assert sequence
PWRDWN
CPU, 133MHz
CPU#, 133MHz
SRC, 100MHz
SRC#, 100MHz
USB, 48MHz
PCI, 33MHz
REF, 14.318MHz
Tdrive_PWRDWN
< 300us, >200mV
Tstable
< 1.8ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com