Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C410M Datasheet(PDF) 19 Page - Pericom Semiconductor Corporation

Part # PI6C410M
Description  Clock Generator for Intel PCI Express Mobile Chipset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410M Datasheet(HTML) 19 Page - Pericom Semiconductor Corporation

Back Button PI6C410M Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 16Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 17Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 18Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 19Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 20Page - Pericom Semiconductor Corporation PI6C410M Datasheet HTML 21Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
PS8736C
12/19/05
PI6C410M/410MA
Clock Generator for Intel
PCI Express Mobile Chipset
AC Electrical Characteristics (VDD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Outputs
Parameters
Min.
Max. Units Notes
Trise / Tfall
CPU, SRC, DOT
Rise and fall Time
(measured between 0.175V to 0.525V)
175
700
ps
1,2
Trise / Tfall
PCI/PCIF, REF
Rise and fall Time
(measured between 0.8V to 2.0V)
0.5
2.0
ns
4
Trise / Tfall
USB
Rise and fall Time
(measured between 0.8V to 2.0V)
1.0
2.0
5
ΔTrise / ΔTfall
CPU, SRC, DOT
Rise and fall Time Variation
125
ps
1, 2
Tskew
CPU0, CPU1
CPU – CPU Skew
100
ps
1,3,6
Tskew
CPU2
CPU – CPU Skew
200
Tskew
SRC
SRC – SRC Skew
250
Tskew
PCI/PCIF, REF
PCI – PCI Skew / REF - REF Skew (measured at
1.5V)
500
4
Tjitter
CPU0, CPU1
Cycle – Cycle Jitter
85
1, 3
Tjitter
CPU2
Cycle – Cycle Jitter
125
Tjitter
SRC
Cycle – Cycle Jitter
125
Tjitter
DOT
Cycle – Cycle Jitter
250
Tjitter
PCI/PCIF
Cycle – Cycle Jitter (measured at 1.5V)
500
4
Tjitter
USB
Cycle – Cycle Jitter (measured at 1.5V)
350
5
Tjitter
REF
Cycle – Cycle Jitter (measured at 1.5V)
1000
4
VHIGH
CPU, SRC, DOT
Voltage HIGH including overshoot
660
1150
mV
1, 2
VLOW
CPU, SRC, DOT
Voltage LOW including undershoot
-300
Vcross
CPU, SRC, DOT
Absolute crossing poing voltages
250
550
∆
Vcross
CPU, SRC, DOT
Total variation of Vcross over all edges
140
TDC
CPU, SRC, DOT
Duty-Cycle
45
55
%
1,3,6
TDC
REF, USB, PCI/PCIF Duty-Cycle (measured at 1.5V)
45
55
%
4, 5
Tstable
All clock stabilization from power-up
<1.8
ms
Fig 2
Tdrive
Differential output enable after PwrDwn de-asser-
tion
300
µ
s
Pwrdwn
Trise / Tfall
Power down rise and fall time
5.0
ns
Pwrdwn
Notes:
1. Test configuration is Rs = 33.2Ω, Rp = 49.9Ω, and CL = 2pF.
2. Single-Ended measurement.
3. Differential measurement.
4. PCI, PCIF, and REF CL(min) = 10pF, CL(max) = 30pF.
5. USB CL(min) = 10pF, CL(max) = 20pF.
6. CPU measured at 133 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com