Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C410V Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C410V
Description  Clock Generator for Intel PCI-Express Desktop Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410V Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C410V Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6C410V Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
DC Electrical Characteristics (VDD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Parameters
Condition
Min.
Max.
Units
VDD_A
3.3V Core Supply Voltage
3.135
3.465
V
VDD
3.3V I/O Supply Voltage
3.135
3.465
VIH
3.3V Input High Voltage
VDD
2.0
VDD + 0.3
VIL
3.3V Input Low Voltage
VSS – 0.3
0.8
IIK
Input Leakage Current
0 < VIN < VDD
-5
+5
μA
VIH_FS
3.3V Input High Voltage
0.7
VDD + 0.3
V
VIL_FS
3.3V Input Low Voltage
VSS – 0.3
0.35
VOH
3.3V Output High Voltage
IOH = -1mA
2.4
VOL
3.3V Output Low Voltage
IOL = 1mA
0.4
IOH
Output High Current
CPU, SRC, DOT: IOH = 6 x Iref,
Iref = 2.32mA
12.2
mA
15.6
USB
VOH = 1.0V
-29
VOH = 3.135V
-23
REF, PCI
VOH = 1.0V
-33
VOH = 3.135V
-33
IOL
Output Low Current
USB
VOL = 1.95V
29
VOL = 0.4V
27
REF, PCI
VOL = 1.95V
30
VOL = 0.4V
38
Cin
Input Pin Capacitance
3
5
pF
Cxtal
Xtal Pin Capacitance
3
5
Cout
Output Pin Capacitance
6
Lpin
Pin Inductance
7
nH
IDD
Power Supply Current
VDD = 3.465V, FCPU = 400MHz
500
mA
ISS
Power Down Current
Driven outputs
70
ISS
Power Down Current
Tristate outputs
12
Ta
Ambient Temperature
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com