Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC60PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFPC60PBF
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPC60PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFPC60PBF Datasheet HTML 1Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 2Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 3Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 4Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 5Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 6Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 7Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 8Page - Vishay Siliconix IRFPC60PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 91245
www.vishay.com
S11-0442-Rev. B, 14-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFPC60, SiHFPC60
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The
TO-247AC
package
is
preferred
for
commercial-industrial applications where higher power levels
preclude the use of TO-220AB devices. The TO-247AC is
similar but superior to the earlier TO-218 package because of
its isolated mounting hole. It also provides greater creepage
distance between pins to meet the requirements of most
safety specifications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 7.2 mH, Rg = 25
Ω, IAS = 16 A (see fig. 12).
c. ISD
≤ 16 A, dI/dt ≤ 140 A/μs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (
Ω)VGS = 10 V
0.40
Qg (Max.) (nC)
210
Qgs (nC)
26
Qgd (nC)
110
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247AC
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
IRFPC60PbF
SiHFPC60-E3
SnPb
IRFPC60
SiHFPC60
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
16
A
TC = 100 °C
10
Pulsed Drain Currenta
IDM
64
Linear Derating Factor
2.2
W/°C
Single Pulse Avalanche Energyb
EAS
1000
mJ
Repetitive Avalanche Currenta
IAR
16
A
Repetitive Avalanche Energya
EAR
28
mJ
Maximum Power Dissipation
TC = 25 °C
PD
280
W
Peak Diode Recovery dV/dtc
dV/dt
3.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFPC60PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPC60PBF IRF-IRFPC60PBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFPC60PBF VISHAY-IRFPC60PBF Datasheet
2Mb / 8P
Power MOSFET
21-Jul-08
More results

Similar Description - IRFPC60PBF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com