Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF634 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IRF634
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF634 Datasheet(HTML) 4 Page - Vishay Siliconix

  IRF634 Datasheet HTML 1Page - Vishay Siliconix IRF634 Datasheet HTML 2Page - Vishay Siliconix IRF634 Datasheet HTML 3Page - Vishay Siliconix IRF634 Datasheet HTML 4Page - Vishay Siliconix IRF634 Datasheet HTML 5Page - Vishay Siliconix IRF634 Datasheet HTML 6Page - Vishay Siliconix IRF634 Datasheet HTML 7Page - Vishay Siliconix IRF634 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF634
www.vishay.com
Vishay Siliconix
S21-0340-Rev. C, 12-Apr-2021
4
Document Number: 91034
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
101
100
VSD, Source-to-Drain Voltage (V)
0.4
1.2
1.0
0.8
0.6
25
°C
150
°C
V
GS = 0 V
91034_07
10-1
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
2
5
0.1
2
5
1
2
5
10
2
5
25
110
25
102
103
25
91034_08
103
TC, Case Temperature (°C)
0
2
4
6
8
10
25
150
125
100
75
50
91034_09
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com