Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF1 Datasheet(PDF) 3 Page - Schurter Inc.

Part # CMF1
Description  IEC Appliance Inlet C8 with Line Switch 1-pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CMF1 Datasheet(HTML) 3 Page - Schurter Inc.

  CMF1 Datasheet HTML 1Page - Schurter Inc. CMF1 Datasheet HTML 2Page - Schurter Inc. CMF1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power entry modules without line filter
CMF1
https://www.schurter.com /PG05
Connectors
Dimensions [mm]
24.3
22.3
19
2
53.3
26.65
26.65
2.3
2.3
0.9
R 3
1.3
2.4
6.16
10
0.8
8
R 1
1.05
2.8
8.6
18.45
7 8.15
4.15
10.2
NL
3
8.25
45
25.75
27.55
0.8
0
-0.1
±0.1
With insulation cover
The size of the mounting cut-out can be selected as required.
Drilling Diagram / CMF1 and CMF2
45±0.1
10.2
8.6
8.25 7
1.6
3
1.6
D1
3.2
21.6
23.4
28.05
29.85
+0.1
0
+0.1
0
D1 = 6.2 mm mounting from above
D1 = 3.6 mm mounting from below
Fixation on PCB or housing from
below
11
14.3
±0.13
1)
M3x12
1) self tapping screw
Fixation on PCB or housing from
above
11
5.9
1)
M3x12
+0.30
+0.15
0
- 0.1
1) self tapping screw
All Variants
Connectors
Mounting side
Cover
Ground terminal
Ground terminal direction
Order Number
C8
from below
with cover
-
CMF1.1131.12
C8
from below
without cover
-
CMF1.1031.12
C8
from top
with cover
-
CMF1.1111.12
█
C8
from top
without cover
-
CMF1.1011.12
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
50 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com