Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC12 Datasheet(PDF) 7 Page - Schurter Inc.

Part # DC12
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12 Datasheet(HTML) 7 Page - Schurter Inc.

Back Button DC12 Datasheet HTML 2Page - Schurter Inc. DC12 Datasheet HTML 3Page - Schurter Inc. DC12 Datasheet HTML 4Page - Schurter Inc. DC12 Datasheet HTML 5Page - Schurter Inc. DC12 Datasheet HTML 6Page - Schurter Inc. DC12 Datasheet HTML 7Page - Schurter Inc. DC12 Datasheet HTML 8Page - Schurter Inc. DC12 Datasheet HTML 9Page - Schurter Inc. DC12 Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Power Entry Modules with Line Filter
DC12
https://www.schurter.com /PG06
EMC Products
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A
Medical version (M5)
1 A
2 A
4 A
6 A
10 A
All Variants
Rated current
Filter-Type
Panel mounting
Mounting side
Line Switch
Illumination
Color
Pro-
tection
V-Lock Order Number
1
Standard version
Snap-in
Front Side
1-pole
non-illuminated
black
I
l
DC12.1102.103
2
Standard version
Snap-in
Front Side
1-pole
non-illuminated
black
I
l
DC12.2102.103
4
Standard version
Snap-in
Front Side
1-pole
non-illuminated
black
I
l
DC12.3102.103
6
Standard version
Snap-in
Front Side
1-pole
non-illuminated
black
I
l
DC12.4102.103
10
Standard version
Snap-in
Front Side
1-pole
non-illuminated
black
I
l
DC12.5102.103
1
Standard version
Snap-in
Front Side
2-pole
non-illuminated
black
I
l
DC12.1102.101
█
2
Standard version
Snap-in
Front Side
2-pole
non-illuminated
black
I
l
DC12.2102.101
█
4
Standard version
Snap-in
Front Side
2-pole
non-illuminated
black
I
l
DC12.3102.101
█
6
Standard version
Snap-in
Front Side
2-pole
non-illuminated
black
I
l
DC12.4102.101
10
Standard version
Snap-in
Front Side
2-pole
non-illuminated
black
I
l
DC12.5102.101
1
Standard version
Screw
Front Side
1-pole
non-illuminated
black
I
l
DC12.1102.003
2
Standard version
Screw
Front Side
1-pole
non-illuminated
black
I
l
DC12.2102.003
4
Standard version
Screw
Front Side
1-pole
non-illuminated
black
I
l
DC12.3102.003
█



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com