Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411FDJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG411FDJ
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411FDJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG411FDJ Datasheet HTML 1Page - Maxim Integrated Products DG411FDJ Datasheet HTML 2Page - Maxim Integrated Products DG411FDJ Datasheet HTML 3Page - Maxim Integrated Products DG411FDJ Datasheet HTML 4Page - Maxim Integrated Products DG411FDJ Datasheet HTML 5Page - Maxim Integrated Products DG411FDJ Datasheet HTML 6Page - Maxim Integrated Products DG411FDJ Datasheet HTML 7Page - Maxim Integrated Products DG411FDJ Datasheet HTML 8Page - Maxim Integrated Products DG411FDJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
(V+ = +15V, V- = -15V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Break-Before-Make Time Delay
(DG413F only)
(Note 6)
tBBM
VNO_ or VNC_ = ±10V,
RL = 100Ω,
CL = 10pF, Figure 3
+25°C
2
15
ns
E
1
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 4
+25°C
5
pC
NO_ or NC_ Off-Capacitance
CN_(OFF)
f = 1MHz, Figure 5
+25°C
15
pF
COM_ Off-Capacitance
CCOM_(OFF) f = 1MHz, Figure 5
+25°C
15
pF
COM_ On-Capacitance
CCOM_(ON) f = 1MHz, Figure 5
+25°C
47
pF
Off-Isolation (Note 7)
VISO
f = 1MHz, RL = 50Ω,
CL = 15pF,
PIN = 0dBm, Figure 6
+25°C
-65
dB
Channel-to-Channel Crosstalk
(Note 8)
VCT
f = 1MHz, RL = 50Ω,
CL = 15pF,
PIN = 0dBm, Figure 6
+25°C
-105
dB
LOGIC INPUT
Input Logic High
VIH
E
2.4
V
Input Logic Low
VIL
E
0.8
V
Input Leakage Current
IIN
VIN_ = 0 or V+
E
-1
+1
µA
POWER SUPPLY
Power-Supply Range
V+, V-
E
±4.5
±20
V
V+ Supply Current
I+
All VIN_ = +5V, VCOM_ = 0
+25°C
355
600
µA
E
800
All VIN_ = 0 or V+, VCOM_ = 0
+25°C
155
300
E
400
V- Supply Current
I-
All VIN_ = +5V, VCOM_ = 0
+25°C
155
250
µA
E
325
All VIN_ = 0 or V+, VCOM_ = 0
+25°C
155
250
E
325
GND Supply Current
IGND
All VIN_ = +5V, VCOM_ = 0
+25°C
200
350
µA
E
475
All VIN_ = 0 or V+, VCOM_ = 0
+25°C
0.1
1
E
10
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics— ±15V Dual Supplies (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com