Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSF2 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GSF2
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF2 Datasheet(HTML) 1 Page - Schurter Inc.

  GSF2 Datasheet HTML 1Page - Schurter Inc. GSF2 Datasheet HTML 2Page - Schurter Inc. GSF2 Datasheet HTML 3Page - Schurter Inc. GSF2 Datasheet HTML 4Page - Schurter Inc. GSF2 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Power entry modules without line filter
GSF2
https://www.schurter.com /PG05
Connectors
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
Snap-in version
See below:
Approvals and Compliances
C14
70° C
C18
70° C
Description
- Panel mount :
Snap-in version front side
- 2 Functions :
Appliance Inlet protection class I or II , Fuseholder for fuse-links
5 x 20 mm on the rear-side 1- or 2-pole
- Meets the requirements of IEC 60335-1 for appliances in unattended
use. This includes the enhanced requirements of glow wire tests acc.
to IEC 60695-2-11 or -12 &-13.
Characteristics
- Two "locking" snappers reinforce connector against repeated or exces-
sive pull out force during plug removal
- All single elements are already wired
- Fuseholder on the inside of the equipment prevents accidental use of
incorrect fuse-links by the user
- Suitable for use in equipment according to IEC/UL 62368-1
Other versions on request
- Ground terminal, solder/quick-connect, 90° to connector axis
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
10 A / 125 VAC; 60 Hz
Dielectric Strength
> 2.2 kVAC between L-N
> 3 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 70 °C
IP-Protection
front side IP40 acc. to IEC 60529
Protection against electric
shock
Suitable for appliances with protection
class I or II acc. to IEC 61140
Terminal
Quick connect terminals 4.8 x 0.8 mm
, Ground terminal: Solder / Quick Con-
nect tin-plated
Solder terminal on request
Panel Thickness S
Snap-in: 1/1.2/1.5/2/2.5/3 mm
(other on request) (all steps with one
variant)
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
C14 / C18 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I or II
Fuseholder
1-/2-pole, Shocksafe category PC2
acc. to IEC 60127-6,
for fuse-links 5 x 20 mm
Rated Power Acceptance @
Ta 23 °C
5 x 20: 3.15 W (1 pole)/ 2.5 W (2-pole)
per pole
Power Acceptance @ Ta >
23°C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - GSF2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
395Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
409Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
logo
Infinite Electronics In...
GSF2 L-COM-GSF2 Datasheet
105Kb / 1P
AC PEM C14 PANEL FLANGE 2.8mm SOLDER TERMINALS 2X FUSEHOLDERS
09/22/2023
logo
Schurter Inc.
GSF2.1010.01 SCHURTER-GSF2.1010.01 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results

Similar Description - GSF2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2_17 Datasheet
395Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_21 Datasheet
421Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_V01 Datasheet
421Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF1 SCHURTER-GSF1_V01 Datasheet
436Kb / 6P
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com