Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412FDY Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DG412FDY
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG412FDY Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DG412FDY Datasheet HTML 9Page - Maxim Integrated Products DG412FDY Datasheet HTML 10Page - Maxim Integrated Products DG412FDY Datasheet HTML 11Page - Maxim Integrated Products DG412FDY Datasheet HTML 12Page - Maxim Integrated Products DG412FDY Datasheet HTML 13Page - Maxim Integrated Products DG412FDY Datasheet HTML 14Page - Maxim Integrated Products DG412FDY Datasheet HTML 15Page - Maxim Integrated Products DG412FDY Datasheet HTML 16Page - Maxim Integrated Products DG412FDY Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Figure 1. Functional Diagram
Figure 2. Switch Turn-On/Turn-Off Times
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 13
Test Circuits/Timing Diagrams
NORMALLY OPEN SWITCH CONSTRUCTION
COM_
DG411F
DG412F
DG413F
P1
N1
ON
LOW
FAULT
HIGH
FAULT
V+
NO_
IN_
GND
ESD DIODE
V-
50%
tON
3V
0V
VIN_
0V
90%
tOFF
VIN_
V+
GND
V+ NO_ OR NC_
COM_
10V
RL
CL
V-
V-
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
10V
VOUT
VOUT
DG411F
DG412F
DG413F
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com