Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40016 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40016
Description  4-Decade Current Sense Amplifier with Integrated Current Sense Element
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40016 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40016 Datasheet HTML 1Page - Maxim Integrated Products MAX40016 Datasheet HTML 2Page - Maxim Integrated Products MAX40016 Datasheet HTML 3Page - Maxim Integrated Products MAX40016 Datasheet HTML 4Page - Maxim Integrated Products MAX40016 Datasheet HTML 5Page - Maxim Integrated Products MAX40016 Datasheet HTML 6Page - Maxim Integrated Products MAX40016 Datasheet HTML 7Page - Maxim Integrated Products MAX40016 Datasheet HTML 8Page - Maxim Integrated Products MAX40016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
(VDD = 3.6V, ILD = 300mA, CLD = 10μF, SEL0 = VDD, SEL1 = VDD (ISH range is selected), TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C (Note 1))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Drop (VDD to LD) (WLP)
Active mode,
ILD = 3A
(Note 6)
-40°C < TA < +85°C
60
90
mV
-40°C < TA < +125°C
100
Active mode,
ILD = 2A
-40°C < TA < +85°C
50
80
-40°C < TA < +125°C
95
Low power
mode, ILD = 3A
(Note 6)
-40°C < TA < +85°C
35
50
-40°C < TA < +125°C
55
Low power
mode, ILD = 2A
-40°C < TA < +85°C
23
35
-40°C < TA < +125°C
35
Voltage Drop (VDD to LD) (TQFN)
Active mode,
ILD = 3A (Note 6)
-40°C < TA < +85°C
160
230
mV
-40°C < TA < +125°C
160
250
Active mode,
ILD = 2A
-40°C < TA < +85°C
120
180
-40°C < TA < +125°C
120
200
Low power
mode, ILD = 3A
(Note 6)
-40°C < TA < +85°C
150
220
-40°C < TA < +125°C
150
230
Low power
mode, ILD = 2A
-40°C < TA < +85°C
100
150
-40°C < TA < +125°C
100
160
Current Gain
GI
IISX/ILD, measured at ISX
2
mA/A
Current Gain Error
GI_ERR
RISX = 160Ω,
ILD = 3A (Note 6)
-40°C < TA < +85°C
-4
+0.9
+4
%
-40°C < TA < +125°C
-4
+0.9
+4
RISX = 160Ω,
ILD = 300mA
-40°C < TA < +85°C
-3.5
+0.9
+3.5
-40°C < TA < +125°C
-4
+4
RISX = 5.36kΩ,
ILD = 30mA
-40°C < TA < +85°C
-3.5
+0.7
+3.5
-40°C < TA < +125°C
-4
+4
RISX = 160kΩ,
ILD = 3mA
-40°C < TA < +85°C
-6
+1.4
+6
-40°C < TA < +125°C
-7
+7
RISX = 160kΩ,
ILD = 1mA
-40°C < TA < +85°C
-12
+1.7
+12
-40°C < TA < +125°C
-15
+15
RISX = 160kΩ,
ILD = 300μA
-40°C < TA < +85°C
-25
+2.8
+25
-40°C < TA < +125°C
-30
+30
Nonlinearity Current Gain Error
GI_ERR(NON)
Measured at
ISX
RISX = 160Ω,
ILD = 30mA to 3A
0.4
%
RISX = 5.36kΩ,
ILD = 3mA to 30mA
0.8
RISX = 160kΩ,
ILD = 300μA to 3mA
1.7
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX40016
4-Decade Current Sense Amplifier
with Integrated Current Sense Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com