Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-315-LR Datasheet(PDF) 8 Page - Linx Technologies

Part # EVAL-315-LR
Description  LR Series Basic Evaluation Kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

EVAL-315-LR Datasheet(HTML) 8 Page - Linx Technologies

Back Button EVAL-315-LR Datasheet HTML 4Page - Linx Technologies EVAL-315-LR Datasheet HTML 5Page - Linx Technologies EVAL-315-LR Datasheet HTML 6Page - Linx Technologies EVAL-315-LR Datasheet HTML 7Page - Linx Technologies EVAL-315-LR Datasheet HTML 8Page - Linx Technologies EVAL-315-LR Datasheet HTML 9Page - Linx Technologies EVAL-315-LR Datasheet HTML 10Page - Linx Technologies EVAL-315-LR Datasheet HTML 11Page - Linx Technologies EVAL-315-LR Datasheet HTML 12Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
4
Theory of Operation
Transmitter Evaluation Board
The transmitter board is powered by an on-board 3V CR2032 lithium
battery. It has eight SPST pushbutton switches, the state of which is
encoded into a data stream using a Linx MS Series encoder. If a switch
is closed, the transmitter is enabled while the encoder captures the
pushbutton states for encoding and transmission. The encoder powers
down the transmitter when the button is released. Buttons S0 (D0) and
S1 (D1) are used to activate the LED and buzzer on the receiver board.
All of the data lines have been wired out to the header to the right of
the prototyping area and can be accessed for use with other switches,
contacts or microcontrollers.
Receiver Evaluation Board
The receiver board is powered by two AAA batteries. The LR Series
receiver exhibits a sensitivity of greater than –112dBm, so under optimum
line-of-sight conditions, the transmitter / receiver link can operate over
distances of up to 3,000 feet (1,000m). The data recovered by the LR
Series receiver is decoded by a MS Series decoder, and the data lines
are updated to match the state of the data lines (or pushbuttons) on the
transmitter board. To demonstrate this, one data line is used to drive an
LED while another is used to activate a buzzer. This board also has a
prototyping area with all of the receiver and decoder lines brought out to a
header.
Using the Kit
Using the kit is straightforward. Simply attach the antennas, turn on the
power and press buttons on the transmitter board. When S0 is pressed,
the buzzer sounds; when S1 is pressed, the LED turns on. When any
button (S0–S7) is pressed on the transmitter board, the corresponding
decoder output (D0–D7) is active high (V
CC) on the prototyping header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com