Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-NT Datasheet(PDF) 11 Page - Linx Technologies

Part # MDEV-868-NT
Description  868MHz NT Series Master Development System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-NT Datasheet(HTML) 11 Page - Linx Technologies

Back Button MDEV-868-NT Datasheet HTML 5Page - Linx Technologies MDEV-868-NT Datasheet HTML 6Page - Linx Technologies MDEV-868-NT Datasheet HTML 7Page - Linx Technologies MDEV-868-NT Datasheet HTML 8Page - Linx Technologies MDEV-868-NT Datasheet HTML 9Page - Linx Technologies MDEV-868-NT Datasheet HTML 10Page - Linx Technologies MDEV-868-NT Datasheet HTML 11Page - Linx Technologies MDEV-868-NT Datasheet HTML 12Page - Linx Technologies MDEV-868-NT Datasheet HTML 13Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
–
–
–
–
Range Test Area
1
2
J2
VCCM
VCC
IN
1
VCC
2
GND
3
NC
4
COM
5
NO
6
U4
MAX4544EUT
T/R_SEL_R
DATA_MT
GND
VCC
DATA_IN_R
DATA_OUT_R
GND
LED
GREEN
R18
620
D0
LED-0805-GRN
VCC
GND
GND
VCC
BUZZER
VCC
GND
GND
VCC
BUZZER
LED
LED
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = NS/DNP
BOARD B = 0 ohm
D3
D2
D1
D0
R0
R4
R2
R6
R3
R1
R5
R7
S0
S1
S2
S3
GND
BUZZER
B`
4
C
5
C`
6
GND
7
B
3
A`
2
A
1
E
11
F`
12
F
13
VCC
14
E`
10
D
9
D`
8
U3
CD4069UB
BZ1
AUD-S-BUZ-12MM-4K
R16
100K
R17
10k
C4
0.01uF
TRANSCEIVER AREA
RANGE TEST AREA
GND
VCCM
+
C2
10uF
GND
GND
GND
VCC
GND
J1
PWRJACK
D1
B1
SW1
Vin
1
Vout
3
U1
AP1117E50G-13
+
C1
220uF
POWER AREA
HEADER SECTION
GND
1
2
J7
GND
GND
CD_IN
CD_OUT
CD_BAUD
TRPT/PKT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J6
CD_TYPE
VCC
GND
1
2
3
4
5
J8
1
TP1
TEST POINT
VCC
1
TP2
TEST POINT
GND
S1
1
G1
2
D2
3
S2
4
G2
5
D1
6
U10
DMG1016V
GND
VCCM
VCC2
R24
10K
R27
100k
PDN
D10
GND
GND
GND
GND
D3
D2
D1
D0
GND
GND
GND
T/R_SEL_R
DATA_MT
GND
GND
GND
VCC
1
D6
2
D7
3
CRT/LRN
4
ENC_SEL
5
SER_IO
6
CONFIRM
7
TR_PDN
8
TR_SEL
9
TR_DATA
10
D0
11
D1
12
D2
13
MODE_IND
14
SEL_BAUD
15
LATCH
16
D3
17
D4
18
D5
19
GND
20
U2
LICAL-TRC-MT
R8
100K
R9
100K
R10
100K
R11
100K
R12
100K
R14
100K
R15
100K
BLUE
R13
200 ohm
VCC
C12
0.1uF
GND
GND
VCC
R32
0 ohm
R31
NS/DNP
SW11
SW-SMT-SPDT
VCC
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = 0 ohm
BOARD B = NS/DNP
R33
R34
VCC2
RDY
R2091k1%
LADJ
R30 NS/DNP
GND
GND
SW10
R37
NS/DNP
GND
SW9
MODE_SEL
GND
VCC
VCC
GND
DATA_OUT_P
DATA_IN_P
RDY
T/R_SEL_P
PDN
STDBY
CS0_P
CS1_P
CS2_P
BAUD0_P
BAUD1_P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TS1
RSSI_P
1
TP5
TEST POINT
GND
GND
GND
GND
GND
GND
GND
GND
VCCM
BAUD1
RSSI
STDBY
CD_IN
CD_OUT
CD_TYPE
CD_BAUD
DATA_OUT
DATA_IN
PDN
CS1
CS2
LADJ
RDY
T/R_SEL
BAUD0
CS0
TRPT/PKT
RF
1
ANT1
CONREVSMA001
GND
GND
GND
GND
GND
GND
R21
100K
R22
100K
NC0
NC
2
GND
3
NC
4
NC
5
GND
6
NC
7
TRPT/PKT
9
CHN_SEL0
10
GND
11
T/R_SEL
18
BAUD0
19
RSSI
21
GND
22
GND
23
POWER_DOWN
24
VCC
25
STANDBY
26
CMD_DATA_IN
27
CHN_SEL1
12
GND
17
CHN_SEL2
13
LVL_ADJ
14
READY
15
NC
16
NC
8
BAUD1
20
GND
1
GND
28
CMD_DATA_OUT
29
CMD_DATA_TYPE
30
CMD_DATA_BAUD
31
NC
32
NC
33
GND
34
NC
35
NC
36
DATA_OUT
37
DATA_IN
38
GND
39
NC
40
NC
41
GND
42
ANTENNA
43
GND
44
TR1
TRM-XXX-NT
VCC2
VCC2
R36
100K
VCC
R35
2.2K
GND
C13
0.01uF
C14
100pF
GND
GND
R43
100K
VCC2
Power Area
1
2
J2
VCCM
VCC
IN
1
VCC
2
GND
3
NC
4
COM
5
NO
6
U4
MAX4544EUT
T/R_SEL_R
DATA_MT
GND
VCC
DATA_IN_R
DATA_OUT_R
GND
LED
GREEN
R18
620
D0
LED-0805-GRN
VCC
GND
GND
VCC
BUZZER
VCC
GND
GND
VCC
BUZZER
LED
LED
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = NS/DNP
BOARD B = 100K
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = 100K
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = 0 ohm
BOARD B = NS/DNP
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = NS/DNP
BOARD B = 0 ohm
D3
D2
D1
D0
R0
R4
R2
R6
R3
R1
R5
R7
S0
S1
S2
S3
GND
BUZZER
B`
4
C
5
C`
6
GND
7
B
3
A`
2
A
1
E
11
F`
12
F
13
VCC
14
E`
10
D
9
D`
8
U3
CD4069UB
BZ1
AUD-S-BUZ-12MM-4K
R16
100K
R17
10k
C4
0.01uF
TRANSCEIVER AREA
RANGE TEST AREA
GND
VCCM
+
C2
10uF
GND
GND
GND
VCC
GND
J1
PWRJACK
D1
B1
SW1
Vin
1
Vout
3
U1
AP1117E50G-13
+
C1
220uF
POWER AREA
HEADER SECTION
GND
1
2
J7
GND
GND
CD_IN
CD_OUT
CD_BAUD
TRPT/PKT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J6
CD_TYPE
VCC
GND
1
2
3
4
5
J8
1
TP1
TEST POINT
VCC
1
TP2
TEST POINT
GND
S1
1
G1
2
D2
3
S2
4
G2
5
D1
6
U10
DMG1016V
GND
VCCM
VCC2
R24
10K
R27
100k
PDN
D10
GND
GND
GND
GND
D3
D2
D1
D0
GND
GND
GND
T/R_SEL_R
DATA_MT
GND
GND
GND
VCC
1
D6
2
D7
3
CRT/LRN
4
ENC_SEL
5
SER_IO
6
CONFIRM
7
TR_PDN
8
TR_SEL
9
TR_DATA
10
D0
11
D1
12
D2
13
MODE_IND
14
SEL_BAUD
15
LATCH
16
D3
17
D4
18
D5
19
GND
20
U2
LICAL-TRC-MT
R8
100K
R9
100K
R10
100K
R11
100K
R12
100K
R14
100K
R15
100K
BLUE
R13
200 ohm
VCC
C12
0.1uF
GND
GND
VCC
R32
0 ohm
R31
NS/DNP
SW11
SW-SMT-SPDT
VCC
BOARD A = NS/DNP
BOARD B = 0 ohm
BOARD A = 0 ohm
BOARD B = NS/DNP
R33
R34
VCC2
RDY
R2091k1%
LADJ
R30 NS/DNP
GND
GND
SW10
R37
NS/DNP
GND
SW9
MODE_SEL
GND
VCC
VCC
GND
DATA_OUT_P
DATA_IN_P
RDY
T/R_SEL_P
PDN
STDBY
CS0_P
CS1_P
CS2_P
BAUD0_P
BAUD1_P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TS1
RSSI_P
1
TP5
TEST POINT
GND
GND
GND
GND
GND
GND
GND
GND
VCCM
BAUD1
RSSI
STDBY
CD_IN
CD_OUT
CD_TYPE
CD_BAUD
DATA_OUT
DATA_IN
PDN
CS1
CS2
LADJ
RDY
T/R_SEL
BAUD0
CS0
TRPT/PKT
RF
1
ANT1
CONREVSMA001
GND
GND
GND
GND
GND
GND
R21
100K
R22
100K
NC0
NC
2
GND
3
NC
4
NC
5
GND
6
NC
7
TRPT/PKT
9
CHN_SEL0
10
GND
11
T/R_SEL
18
BAUD0
19
RSSI
21
GND
22
GND
23
POWER_DOWN
24
VCC
25
STANDBY
26
CMD_DATA_IN
27
CHN_SEL1
12
GND
17
CHN_SEL2
13
LVL_ADJ
14
READY
15
NC
16
NC
8
BAUD1
20
GND
1
GND
28
CMD_DATA_OUT
29
CMD_DATA_TYPE
30
CMD_DATA_BAUD
31
NC
32
NC
33
GND
34
NC
35
NC
36
DATA_OUT
37
DATA_IN
38
GND
39
NC
40
NC
41
GND
42
ANTENNA
43
GND
44
TR1
TRM-XXX-NT
VCC2
VCC2
R36
100K
VCC
R35
2.2K
GND
C13
0.01uF
C14
100pF
GND
GND
R43
100K
VCC2
Figure 24: Range Test Area
Figure 25: Power Area
16
17
Evaluation Area
EVALUATION AREA
SIGNAL ROUTING
LEDS
1
1
C
2
4
3
2
4
C
5
8
6
SW4
GND
GND
CS1_S
CS2_S
CS0_S
1
1
C
2
4
3
2
4
C
5
8
6
SW5
GND
GND
BAUD1_S
BAUD0_S
ORANGE
D4
R25
200 ohm
GND
TX_LED
D5
R26
200 ohm
YELLOW
GND
RX_LED
GND
R19
620 ohm
ACTV_LED
GREEN
D2
RED
PDN_LED
GND
D7
R40
470 ohm
GND
D3
R38
470 ohm
RED
EVAL_LED
GND
D9
R39
470 ohm
RED
PROTO_LED
STBY_LED
GND
D8
YELLOW
R41
200 ohm
SW8
TX_SEL
RNG_SEL
RX_SEL
GND
CS1
CS2
CS0
CS0_P
CS0_S
CS1_P
CS1_S
CS2_P
CS2_S
CH_BD_CTL
GND
GND
VCC
Y1
1
Y0
2
Z1
3
Z
4
Z0
5
EN
6
VEE
7
GND
8
C
9
B
10
A
11
X0
12
X1
13
X
14
Y
15
VCC
16
U6
MC74HC4053A
ALL_EN
C8
0.1uF
GND
R44 NS/DNP
GND
R45 NS/DNP
GND
R46 NS/DNP
GND
R47 NS/DNP
GND
R48 NS/DNP
GND
R49 NS/DNP
GND
T/R_SEL_R
ALL_EN
GND
GND
VCC
T/R_SEL
2Y0
1
2Y2
2
2COM
3
2Y3
4
2Y1
5
INH
6
GND
7
GND
8
B
9
A
10
1Y3
11
1Y0
12
1COM
13
1Y1
14
1Y2
15
VCC
16
U9
SN74LV4052A
TR_CTL1
TR_CTL2
T/R_SEL_P
VCC
GND
C11
0.1uF
GND
R62
NS/DNP
GND
R63
NS/DNP
GND
ALL_EN
DATA_IN_R
DATA_OUT_R
GND
GND
VCC
DATA_OUT
DATA_IN
DATA_OUT_P
DATA_IN_P
DATA_CTL1
DATA_CTL2
2Y0
1
2Y2
2
2COM
3
2Y3
4
2Y1
5
INH
6
GND
7
GND
8
B
9
A
10
1Y3
11
1Y0
12
1COM
13
1Y1
14
1Y2
15
VCC
16
U8
SN74LV4052A
TP3
1
TP4
C10
0.1uF
GND
R57
10k
GND
R58
10k
GND
R56
10k
GND
R59
10k
R60
10k
R61
10k
GND
GND
GND
R29
2.20K
GND
1%
DIVIDER LOW
4
IN
5
DIVIDER HIGH
6
N/C
7
REF OUT
8
LED8
14
LED7
15
LED6
16
LED5
17
LED4
18
U5
LM3914V
VCC
RSSI_B
GND
GND
C5
10uF
GND
R28
1.2K
1%
5
16
2
19
3
18
4
17
1
20
6
15
7
14
8
13
9
12
10
11
D6
LED BAR 10
VCC
GND
C6
2.2uF
VCC
R42
NS/DNP
BAUD0_P
BAUD0_S
BAUD1_P
BAUD1_S
CH_BD_CTL
GND
GND
VCC
BAUD1
BAUD0
Y1
1
Y0
2
Z1
3
Z
4
Z0
5
EN
6
VEE
7
GND
8
C
9
B
10
A
11
X0
12
X1
13
X
14
Y
15
VCC
16
U7
MC74HC4053A
ALL_EN
RSSI
RSSI_P
RSSI_B
C9
0.1uF
GND
R54 NS/DNP
GND
R55 NS/DNP
GND
R50 NS/DNP
GND
R51 NS/DNP
GND
R52 NS/DNP
GND
R53
GND
5.1M
LEDs
EVALUATION AREA
SIGNAL ROUTING
LEDS
1
1
C
2
4
3
2
4
C
5
8
6
SW4
GND
GND
CS1_S
CS2_S
CS0_S
1
1
C
2
4
3
2
4
C
5
8
6
SW5
GND
GND
BAUD1_S
BAUD0_S
ORANGE
D4
R25
200 ohm
GND
TX_LED
D5
R26
200 ohm
YELLOW
GND
RX_LED
GND
R19
620 ohm
ACTV_LED
GREEN
D2
RED
PDN_LED
GND
D7
R40
470 ohm
GND
D3
R38
470 ohm
RED
EVAL_LED
GND
D9
R39
470 ohm
RED
PROTO_LED
STBY_LED
GND
D8
YELLOW
R41
200 ohm
SW8
TX_SEL
RNG_SEL
RX_SEL
GND
CS1
CS2
CS0
CS0_P
CS0_S
CS1_P
CS1_S
CS2_P
CS2_S
CH_BD_CTL
GND
GND
VCC
Y1
1
Y0
2
Z1
3
Z
4
Z0
5
EN
6
VEE
7
GND
8
C
9
B
10
A
11
X0
12
X1
13
X
14
Y
15
VCC
16
U6
MC74HC4053A
ALL_EN
C8
0.1uF
GND
R44 NS/DNP
GND
R45 NS/DNP
GND
R46 NS/DNP
GND
R47 NS/DNP
GND
R48 NS/DNP
GND
R49 NS/DNP
GND
T/R_SEL_R
ALL_EN
GND
GND
VCC
T/R_SEL
2Y0
1
2Y2
2
2COM
3
2Y3
4
2Y1
5
INH
6
GND
7
GND
8
B
9
A
10
1Y3
11
1Y0
12
1COM
13
1Y1
14
1Y2
15
VCC
16
U9
SN74LV4052A
TR_CTL1
TR_CTL2
T/R_SEL_P
VCC
GND
C11
0.1uF
GND
R62
NS/DNP
GND
R63
NS/DNP
GND
ALL_EN
DATA_IN_R
DATA_OUT_R
GND
GND
VCC
DATA_OUT
DATA_IN
DATA_OUT_P
DATA_IN_P
DATA_CTL1
DATA_CTL2
2Y0
1
2Y2
2
2COM
3
2Y3
4
2Y1
5
INH
6
GND
7
GND
8
B
9
A
10
1Y3
11
1Y0
12
1COM
13
1Y1
14
1Y2
15
VCC
16
U8
SN74LV4052A
TP3
1
TP4
C10
0.1uF
GND
R57
10k
GND
R58
10k
GND
R56
10k
GND
R59
10k
R60
10k
R61
10k
GND
GND
GND
R29
2.20K
GND
1%
DIVIDER LOW
4
IN
5
DIVIDER HIGH
6
N/C
7
REF OUT
8
LED8
14
LED7
15
LED6
16
LED5
17
LED4
18
U5
LM3914V
VCC
RSSI_B
GND
GND
C5
10uF
GND
R28
1.2K
1%
5
16
2
19
3
18
4
17
1
20
6
15
7
14
8
13
9
12
10
11
D6
LED BAR 10
VCC
GND
C6
2.2uF
VCC
R42
NS/DNP
BAUD0_P
BAUD0_S
BAUD1_P
BAUD1_S
CH_BD_CTL
GND
GND
VCC
BAUD1
BAUD0
Y1
1
Y0
2
Z1
3
Z
4
Z0
5
EN
6
VEE
7
GND
8
C
9
B
10
A
11
X0
12
X1
13
X
14
Y
15
VCC
16
U7
MC74HC4053A
ALL_EN
RSSI
RSSI_P
RSSI_B
C9
0.1uF
GND
R54 NS/DNP
GND
R55 NS/DNP
GND
R50 NS/DNP
GND
R51 NS/DNP
GND
R52 NS/DNP
GND
R53
GND
5.1M
Figure 26: Evaluation Area
Figure 27: LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com