Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-FFF-DT Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-FFF-DT
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-DT Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-FFF-DT Datasheet HTML 6Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 7Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 8Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 9Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 10Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 11Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 12Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 13Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 14Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
–
–
–
–
14
15
The Wireless Chat tab (Figure 15) offers a demonstration of sending data
between two modules. There is a window for each connected module.
1. The top of the window shows the address of the associated module.
2. The chat screen shows the chat messages that have been sent and
received.
3. The Send box is where the message text is entered. The message is
transmitted when the Send button is pressed.
4. The To menu selects the address of the connected module that is to
receive the message (the destination address).
5. The TX Times box shows how many times the module has transmitted.
6. The RX Count box counts the number of messages that the module
has received.
7. The Clear button clears all of the messages from the chat window.
8. The RSSI box indicates the signal strength of the last received
message.
9. When the Show As Bytes box is selected the messages are shown as
bytes in the chat window.
Figure 15: The Master Development System Software Wireless Chat Tab
7
4
1
2
3
6
8
5
9
The Command Set tab (Figure 16) allows specific commands to be written
to the module.
1. The Command box shows the hexadecimal values that are written to
the module. Values can be typed into the box or a command can be
selected from the Commands menu.
2. The Response box shows the hexadecimal values that are returned
from the module in response to a command.
3. The Commands drop-down menu shows all of the commands that
are available for the active module (Figure 17). Selecting one of the
commands from this menu automatically fills in the Command box. The
values can be adjusted by typing in the box.
4. The Items drop down menu displays all of the items that are available
for the active module (Figure 18). Selecting one of the items from
this menu automatically fills in the Command box. The values can be
adjusted by typing in the box.
5. Clicking the Send button writes the values in the Command box to the
module.
6. The structure of the selected command and its response is shown in
the main window. Please see the HumDT™ Series Transceiver Data
Guide for definitions of each value.
7. The Show Commands button opens a window that shows all of the
bytes sent to the module and the responses from the module.
4
1
2
3
6
5
Figure 16: The Master Development System Software Command Set Tab
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com