Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-LICAL-MS Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-LICAL-MS
Description  MS Series Master Development System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-LICAL-MS Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-LICAL-MS Datasheet HTML 1Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 2Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 3Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 4Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 5Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 6Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 7Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 8Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
–
–
–
–
2
3
Ordering Information
Ordering Information
Part Number
Description
MDEV-LICAL-MS
MS Series Master Development System with LR Series
MDEV-LICAL-MS-ES
MS Series Master Development System with ES Series
MS Series Encoder Development Board
1. 9V Battery
2. Power Jack
3. On-Off Switch
4. Voltage Regulator
5. Prototype Area
6. Break-Out Header
7. Reverse-Polarity SMA Antenna
Connector
8. LR Series Transmitter Module
9. MS Series Encoder
10. Indicator LEDs
11. Function Switches
12. CREATE Button
13. Data Line Buttons
MS Series Deccoder Development Board
Figure 4: MS Series Deccoder Development Board
1. 9V Battery
2. Power Jack
3. On-Off Switch
4. Voltage Regulator
5. QS Series USB Module
6. Prototype Area
7. Break-Out Header
8. Reverse-Polarity SMA Antenna
Connector
9. LR Series Receiver Module
10. MS Series Decoder
11. Data Line LEDs
12. Indicator LEDs
13. Function Switches
14. LEARN Button
Figure 2: Ordering Information
4
1
2
3
10
6
7
8
14
5
9
11
13
12
4
1
2
3
10
6
7
8
5
9
11
13
12
Figure 3: MS Series Encoder Development Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com