Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-418-RM Datasheet(PDF) 13 Page - Linx Technologies

Part # MDEV-418-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-418-RM Datasheet(HTML) 13 Page - Linx Technologies

Back Button MDEV-418-RM Datasheet HTML 8Page - Linx Technologies MDEV-418-RM Datasheet HTML 9Page - Linx Technologies MDEV-418-RM Datasheet HTML 10Page - Linx Technologies MDEV-418-RM Datasheet HTML 11Page - Linx Technologies MDEV-418-RM Datasheet HTML 12Page - Linx Technologies MDEV-418-RM Datasheet HTML 13Page - Linx Technologies MDEV-418-RM Datasheet HTML 14Page - Linx Technologies MDEV-418-RM Datasheet HTML 15Page - Linx Technologies MDEV-418-RM Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Page 13
Helical Style
Whip Style
Loop Style
1/4-wave wire lengths
for RMfrequencies:
418MHz = 6.7"
433MHz = 6.5"
Where:
L=length in feet of quarter-wave length
F=operating frequency in megahertz
COMMON ANTENNA STYLES
There are literally hundreds of antennas styles that can be successfully employed with the
RM Series. Following is a brief discussion of the three styles most commonly utilized in
compact RF designs. Additional antenna information can be found in Linx application notes
#00500, #00100, #00126 and #00140.
A
whip-style
monopole
antenna
provides
outstanding
overall
performance and stability. A low-cost whip can be easily fabricated from
wire or rod, but most product designers opt for the improved
performance and cosmetic appeal of a professionally made model. To
meet this need, Linx offers a wide variety of straight and reduced-height
whip-style antennas in permanent and connectorized mounting styles.
The w avelength of the operational frequency determines an antenna's
overall length. Since a full wavelength is often quite long, a partial 1/4-
wave antenna is normally employed. Its size and natural radiation
resistance make it well matched to Linx modules. The proper length for
a 1/4-w ave antenna can be easily found using the formula belo w. It is
also possible to reduce the overall height of the antenna by using a
helical winding. This decreases the antenna's bandwidth but is an
excellent way to minimize the antenna's physical size for compact
applications.
A helical antenna is precisely formed from wire or rod.A helical antenna
is a good choice for low-cost products requiring average range
performance and internal concealment. A helical can detune badly in
proximity to other objects and its bandwidth is quite narrow so care must
be exercised in layout and placement.
A loop- or trace-style antenna is normally printed directly on a product's
PCB. This makes it the most cost-effective of antenna styles. There are
a variety of shapes and layout styles which can be utilized.The element
can be made self-resonant or externally resonated with discrete
components. Despite its cost advantages, PCB antenna styles are
generally inefficient and useful only for short-range applications. Loop-
style antennas are also very sensitive to changes in layout or substrate
dielectric which can introduce consistency issues into the production
process. In addition, printed styles initially are difficult to engineer,
requiring the use of expensive equipment including a network analyzer.
An improperly designed loop will have a high SWR at the desired
frequency which can introduce substantial instability in the RF stages.
Linx offers a low-cost planar antenna called the “SPLATCH”which is an
excellent alternative to the sometimes problematic PCB trace style. This
tiny antenna mounts directly to a product's PCB and requires no testing
or tuning. Its design is stable even in compact applications and it
provides excellent performance in light of its compact size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com