Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC050 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # SSC050
Description  I2C Backplane Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

SSC050 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  SSC050 Datasheet HTML 1Page - Vitesse Semiconductor Corporation SSC050 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
LED Flash Rate Control
The built-in flexibility of the SSC050 allows all forty
of the I/O pins to drive LEDs through a pull-up
resistor. Each pin is independently programmed to
flash an LED at one of seven predefined flash rates.
Fan Speed Sensors
The SSC050 includes four pins (P2.4 to P2.7),
which may be configured as fan speed sensors.
This feature enables the designer to provide high
value monitoring features at significantly reduced
costs.
Embedded controllers may access the
SSC050 to determine the rotational speed (RPM) of
fans attached to each of the four inputs.
The
SSC050 may also be programmed to signal an
interrupt if any one of the speed sensors fall below
the designer’s predefined level.
FC-AL Port Bypass Control
Up to sixteen of the forty I/Os may be configured to
monitor and manage FC-AL port bypass control
devices. Eight pairs of I/Os include special logic to
monitor Enable Bypass signals, which may be
generated by FC-AL disk drives, and control Port
Bypass Control Enable (PBC_Enx) signals on port
bypass devices such as Vitesse’s VSC7122.
The unique functionality of the SSC050 provides
the system designer with additional flexibility and
control over the port bypass function in a FC-AL
enclosure.
This allows system designers to
differentiate and add value by controlling when and
how a drive is removed or inserted into a FC-AL
enclosure.
This feature may also be used for non-FC-AL
applications.
It
is
useful
wherever
system
designers require flexible monitoring and control of
backplane signals.
Interrupt Support
There are up to forty interrupt sources within the
SSC050.
I/O pin signal transitions, fan speed
sensor threshold levels and transitions on port
bypass inputs may be configured to generate
interrupts.
Advanced
interrupt
priority
and
management logic provides the system designer
with
maximum
flexibility
and
a
simple
and
convenient
programming
method
for
handling
interrupts.
Related Documents
§ VSC050 Data Manual
§ SSC100/200/VSC205/210 Data Manual
§ Any SDK Specification
For More Information: www.vitesse.com
email: prodinfo@vitesse.com
TEL: 1-800-VITESSE
FAX: 805/987-5896
Vitesse Semiconductor Corporation reserves the right to make
changes in its products, specifications or other information at any
time without prior notice. Therefore the reader is cautioned to
confirm that this datasheet is current prior to placing any orders.
The company assumes no responsibility for any circuitry
described other than circuitry entirely embodied in a Vitesse
product.
(Version 1.0)
©
2000
Vitesse
Semiconductor
Corporation,
All
Rights
Reserved.
I/O Control
and LED
Flash
Fan Speed
Sensors
Port Bypass
Control
Interrupt
Priority and
Control
Two-Wire
Slave I/F
Power
On Reset
Clock
SSC050 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com