Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG-10108 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # SWG-10108
Description  SparkFun Resistor Chart Sticker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

SWG-10108 Datasheet(HTML) 1 Page - SparkFun Electronics

  SWG-10108 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
SparkFunResistorChartSticker
SWG-10108
 
This handy resistor code sticker allows you to decipher the color coded bands on resistors and
determine their value. It measures about 4" x 5" and is adhesive-backed for sticking to your wall,
workbench, or coworker.
Red background with white contrast lettering
Adhesive-backed
Highly portable
Lightweight
Reliable
Negligible error rate
Extremely low power consumption
                                                                          https://www.sparkfun.com/products/10108 11‐6‐17 


Similar Part No. - SWG-10108

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SWG-11063 SPARKFUN-SWG-11063 Datasheet
73Kb / 1P
SFE Project Notebook - 10 x 7.5 (Black, Grey Pages)
9??4??7
SWG-11064 SPARKFUN-SWG-11064 Datasheet
114Kb / 2P
SFE Project Notebook - 10 x 7.5 (Red, Grey Pages)
9??8??7
More results

Similar Description - SWG-10108

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
Humidity-Temperature Chart Recorder
logo
PANDUIT CORP.
PLT2S-C PANDUIT-PLT2S-C Datasheet
296Kb / 11P
Material & Color Availability Chart
logo
Winchester Electronics ...
26450 WINCHESTER-26450 Datasheet
123Kb / 1P
POWER CONNECTOR CODE ORDER CHART
logo
Amphenol Corporation
D38999-26JA35SA AMPHENOL-D38999-26JA35SA Datasheet
2Mb / 53P
Insert Availability and Identification Chart
logo
Honeywell Solid State E...
26PCAFJ3G HONEYWELL-26PCAFJ3G Datasheet
136Kb / 1P
26PC SERIES CHART 7
logo
List of Unclassifed Man...
GLSERIESCHART1 ETC2-GLSERIESCHART1 Datasheet
2Mb / 13P
GL SERIES CHART 1
logo
Honeywell Accelerometer...
26PCDFA6D HONEYWELL-ACC-26PCDFA6D Datasheet
183Kb / 1P
26PC SERIES CHART 4
logo
FCI connector
WCB10 FCI-CONNECTOR-WCB10 Datasheet
46Kb / 1P
BURNDY WEJTAP SELECTION CHART
logo
Pepperl+Fuchs Inc.
KF-SEAL PF-KF-SEAL Datasheet
194Kb / 1P
Adhesive sticker
2021-05-26
logo
Panasonic Semiconductor
ASFN30770 PANASONIC-ASFN30770 Datasheet
859Kb / 17P
Fan Motor Selector Chart
02/2006
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com