Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG-11064 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # SWG-11064
Description  SFE Project Notebook - 10 x 7.5 (Red, Grey Pages)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

SWG-11064 Datasheet(HTML) 1 Page - SparkFun Electronics

  SWG-11064 Datasheet HTML 1Page - SparkFun Electronics SWG-11064 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SFE Project Notebook - 10" x 7.5" (Red,
Grey Pages)
SWG-11064
 
After using a lot of different journals, we decided to create the one that we wanted to use. 52 pages
thin, matte red flexible cover, with 1/8" grid on every page. It’s light weight, easy to pack, and has
just enough pages to record all those crazy ideas. Also, we’ve altered the pages slightly, the grid is
now white on grey.
These really are great notebooks, we use them constantly at the office. They’re flexible enough to
stuff in your backpack but rigid enough not to get torn apart in travel.
If you’re more into showing off, the SparkFun Red allows you to stand out in a crowd. And anyone
that knows ‘geek’ will recognize the subtle embossed SparkFun logo.


Similar Part No. - SWG-11064

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
SWG-11063 SPARKFUN-SWG-11063 Datasheet
73Kb / 1P
SFE Project Notebook - 10 x 7.5 (Black, Grey Pages)
9??4??7
More results

Similar Description - SWG-11064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
Engineering Project Manager
logo
Dialog Semiconductor
SLG7NT41563 DIALOG-SLG7NT41563 Datasheet
1Mb / 14P
Fog Project
logo
LUMEX INC.
LDD-C514RI LUMEX-LDD-C514RI Datasheet
129Kb / 1P
635nm RED, GREY FONT/WHITE SEGMENTS
LDD-C516RI LUMEX-LDD-C516RI Datasheet
46Kb / 1P
660nm RED GREY FONT/WHITE SEGMENTS
LDS-C516RI LUMEX-LDS-C516RI Datasheet
94Kb / 1P
660nm RED GREY FONT/WITE SEGMENTS
LDS-C814RI LUMEX-LDS-C814RI Datasheet
75Kb / 1P
635nm RED GREY FONT/WHITE SEGMENTS
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
Software - PROJECT
logo
LUMEX INC.
LDQ-M514RI LUMEX-LDQ-M514RI Datasheet
74Kb / 1P
635nm RED, GREY FONT/WHITE SEGMENTS
LDQ-N514RI LUMEX-LDQ-N514RI Datasheet
74Kb / 1P
635nm RED, GREY FONT/WHITE SEGMENTS
logo
SparkFun Electronics
SWG-11063 SPARKFUN-SWG-11063 Datasheet
73Kb / 1P
SFE Project Notebook - 10 x 7.5 (Black, Grey Pages)
9??4??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com