Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD110804SC Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD110804SC
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110804SC Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD110804SC Datasheet HTML 1Page - Advanced Linear Devices ALD110804SC Datasheet HTML 2Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALD110804/ALD110904
Advanced Linear Devices
2
Notes:
1
Consists of junction leakage currents
ABSOLUTE MAXIMUM RATINGS
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Power dissipation
500 mW
Operating temperature range PA, SA, PC, SC package
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V (or open) V- = GND
TA = 25°C unless otherwise specified
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
Gate Threshold Voltage
VGS(th)
0.38
0.40
0.42
V
IDS =1µA
VDS = 0.1V
Offset Voltage
VOS
210
mV
VGS(th)1-VGS(th)2
Offset VoltageTempco
TC ∆VOS
5
µV/ °CVDS1 = VDS2
GateThreshold Voltage Tempco
TC∆VGS(th)
-1.7
mV/ °CID = 1µA
0.0
ID = 20µA, VDS = 0.1V
+1.6
ID = 40µA
On Drain Current
IDS (ON)
12.0
mA
VGS = + 9.7V
3.0
VGS = + 4.2V
VDS = +5V
Forward Transconductance
GFS
1.4
mmho
VGS = + 4.2V
VDS = + 9.2V
Transconductance Mismatch
∆GFS
1.8
%
Output Conductance
GOS
68
µmho
VGS =+4.2V
VDS = +9.2V
Drain Source On Resistance
RDS (ON)
500
Ω
VDS = 0.1V
VGS = +4.2V
Drain Source On Resistance
∆RDS (ON)
0.5
%
Mismatch
Drain Source Breakdown
BVDSX
10
V
IDS = 1.0µA
Voltage
VGS = -0.8V
Drain Source Leakage Current1
IDS (OFF)
10
100
pA
VGS = -0.8V
4nA
VDS =10V, TA = 125°C
Gate Leakage Current1
IGSS
330
pA
VDS = 0V VGS = 10V
1nA
TA =125°C
Input Capacitance
CISS
2.5
pF
Transfer Reverse Capacitance
CRSS
0.1
pF
Turn-on Delay Time
ton
10
ns
V+ = 5V RL= 5KΩ
Turn-off Delay Time
toff
10
ns
V+ = 5V RL= 5KΩ
Crosstalk
60
dB
f = 100KHz
ALD110804 / ALD110904
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com