Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11167 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 17Page - Maxim Integrated Products MAX11167 Datasheet HTML 18Page - Maxim Integrated Products MAX11167 Datasheet HTML 19Page - Maxim Integrated Products MAX11167 Datasheet HTML 20Page - Maxim Integrated Products MAX11167 Datasheet HTML 21Page - Maxim Integrated Products MAX11167 Datasheet HTML 22Page - Maxim Integrated Products MAX11167 Datasheet HTML 23Page - Maxim Integrated Products MAX11167 Datasheet HTML 24Page - Maxim Integrated Products MAX11167 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Maxim Integrated │ 21
MAX11167
16-Bit, 250ksps, ±5V SAR ADC
with Internal Reference in TDFN
www.maximintegrated.com
Multichannel CS Configuration,
Asynchronous or Simultaneous Sampling
The multichannel CS configuration is generally used
when multiple MAX11167 ADCs are connected to an SPI-
compatible digital host. Figure 10 shows the connection
diagram example using two MAX11167 devices. Figure 11
shows the corresponding timing.
Asynchronous or simultaneous sampling is possible by
controlling the CS1 and CS2 edges. In Figure 10, the DOUT
bus is shared with the digital host limiting the throughput
rate. However, maximum throughput is possible if the host
accommodates each ADC’s DOUT pin independently.
A rising edge on CNVST completes the acquisition,
initiates the conversion and forces DOUT to high
impedance. The conversion continues to completion
irrespective of the state of CNVST allowing CNVST
to be used as a select line for other devices on the
board. However, CNVST must be returned high before
the minimum conversion time for proper operation so
that another conversion is not initiated with insufficient
acquisition time and data correctly read out of the
device.
When the conversion is complete, the MAX11167 enters
the acquisition phase. Each ADC result can be read by
bringing its CNVST input low, which consequently outputs
the MSB onto DOUT. The remaining data bits are then
clocked by subsequent SCLK falling edges. For each
device, its DOUT will return to a high-impedance state
after the 16th SCLK falling edge or when CNVST goes
high. This control allows multiple devices to share the
same DOUT bus.
Figure 10. Multichannel CS Configuration Diagram
MAX11167
MAX11167
CLK
DATA IN
DIGITAL HOST
CS2
CS1
CONFIG
DOUT
SCLK
DEVICE B
CNVST
SCLK
DEVICE A
CNVST
DIN
DOUT
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com