Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7112ACBZ-3.3-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP7112ACBZ-3.3-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112ACBZ-3.3-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP7112ACBZ-3.3-R7 Datasheet HTML 12Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 13Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 14Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 15Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADP7112ACBZ-3.3-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADP7112
Data Sheet
Rev. D | Page 16 of 21
NOISE REDUCTION OF THE ADP7112 IN
ADJUSTABLE MODE
The ultralow output noise of the ADP7112 is achieved by
keeping the LDO error amplifier in unity gain and setting the
reference voltage equal to the output voltage. This architecture
does not work for an adjustable output voltage LDO in the
conventional sense. However, the ADP7112 architecture allows
any fixed output voltage to be set to a higher voltage with an
external voltage divider. For example, a fixed 5 V output can be
set to a 6 V output according to Equation 3 (see Figure 2).
VOUT = 5 V(1 + R1/R2)
The disadvantage in using the ADP7112 in this manner is that
the output voltage noise is proportional to the output voltage.
Therefore, it is best to choose a fixed output voltage that is close
to the target voltage to minimize the increase in output noise.
The adjustable LDO circuit can be modified to reduce the
output voltage noise to levels close to that of the fixed output
ADP7112. The circuit shown in Figure 48 adds two additional
components to the output voltage setting resistor divider. CNR
and RNR are added in parallel with R1 to reduce the ac gain of
the error amplifier. RNR is chosen to be small with respect to R2.
If RNR is 1% to 10% of the value of R2, the minimum ac gain of
the error amplifier is approximately 0.1 dB to 0.8 dB. The actual
gain is determined by the parallel combination of RNR and R1.
This gain ensures that the error amplifier always operates at
slightly greater than unity gain.
CNR is chosen by setting the reactance of CNR equal to R1 − RNR
at a frequency between 1 Hz and 50 Hz. This setting places the
frequency where the ac gain of the error amplifier is 3 dB down
from the dc gain.
VOUT = 10V
VIN = 12V
VOUT
VIN
GND
SENSE/ADJ
EN
100kΩ
200kΩ
COUT
2.2µF
CIN
2.2µF
ON
OFF
RNR
10kΩ
R2
100kΩ
+
+
R1
100kΩ
CNR
1µF
+
Figure 48. Noise Reduction Modification
The noise of the adjustable LDO is found by using the
following formula, assuming the noise of a fixed output LDO is
approximately 11 μV.
Noise = 11 μV × (RPAR + R2)/R2
(9)
where RPAR is a parallel combination of R1 and RNR.
Based on the component values shown in Figure 48, the
ADP7112 has the following characteristics:
DC gain of 2 (6 dB)
3 dB roll-off frequency of 1.59 Hz
High frequency ac gain of 1.09 (0.75 dB)
Noise reduction factor of 1.83 (5.25 dB)
RMS noise of the adjustable LDO without noise reduction
of 22 μV rms
RMS noise of the adjustable LDO with noise reduction
(assuming 11 μV rms for fixed voltage option) of 12 μV rms
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP7112 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADP7112 is designed to current limit when the
output load reaches 360 mA (typical). When the output load
exceeds 360 mA, the output voltage is reduced to maintain a
constant current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C (typical). Under
extreme conditions (that is, high ambient temperature and/or
high power dissipation) when the junction temperature starts
to rise above 150°C, the output is turned off, reducing the
output current to zero. When the junction temperature drops
below 135°C, the output is turned on again, and output current
is restored to the operating value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADP7112 current limits, so that only 360
mA is conducted into the short. If self heating of the junction
is great enough to cause the temperature to rise above 150°C,
thermal shutdown activates, turning off the output and reducing
the output current to zero. As the junction temperature cools
and drops below 135°C, the output turns on and conducts
360 mA into the short, again causing the junction
temperature to rise above 150°C. This thermal oscillation
between 135°C and 150°C causes a current oscillation
between 360 mA and 0 mA that continues as long as the short
remains at the output.
Current-limit and thermal limit protections protect the device
against accidental overload conditions. For reliable operation,
device power dissipation must be externally limited so that the
junction temperature does not exceed 125°C.
EFFECT OF NOISE REDUCTION ON START-UP TIME
The start-up time of the ADP7112 is affected by the noise
reduction network and must be considered in applications
where power supply sequencing is critical.
The noise reduction circuit adds a pole in the feedback loop,
slowing down the start-up time. The start-up time for an
adjustable model with a noise reduction network can be
approximated using the following equation:
SSNRTIME (sec) = 5.5 × CNR × (RNR + R1)
For a CNR, RNR, and R1 combination of 1 μF, 10 kΩ, and 100 kΩ
as shown in Figure 48, the start-up time is approximately 0.6 sec.
When SSNRTIME is greater than SSTIME, SSNRTIME dictates the
length of the start-up time instead of the soft start capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com