Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7142ACPZN3.8-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP7142ACPZN3.8-R7
Description  40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7142ACPZN3.8-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP7142ACPZN3.8-R7 Datasheet HTML 8Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 9Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 10Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 11Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 12Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 13Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 14Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 15Page - Analog Devices ADP7142ACPZN3.8-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADP7142
Data Sheet
Rev. H | Page 12 of 23
CH1 200mA ΩBW CH2 20mV BW M20µs A CH1
1000mA
T 10.2%
1
2
T
Figure 36. Load Transient Response, ILOAD = 1 mA to 200 mA,
VOUT = 5 V, VIN = 7 V, CH1 Load Current (ILOAD), CH2 VOUT
CH1 2V BW CH2 2.0mV BW
M4µs
A CH4
1.84V
T 10.2%
1
2
T
Figure 37. Line Transient Response, ILOAD = 200 mA,
VOUT = 5 V, CH1 VIN, CH2 VOUT
CH1 200mA Ω BW CH2 20mV BW M20µs A CH1
148mA
T 10.4%
1
2
T
Figure 38. Load Transient Response, ILOAD = 1 mA to 200 mA,
VOUT = 3.3 V, VIN = 5 V, CH1 Load Current (ILOAD), CH2 VOUT
CH1 1V BW CH2 2mV BW
M4µs
A CH4
1.84V
T 10.2%
1
2
T
Figure 39. Line Transient Response, ILOAD = 200 mA,
VOUT = 3.3 V, CH1 VIN, CH2 VOUT
CH1 200mA Ω BW
M20µs
A CH1
84mA
T 10.2%
1
2
CH2 20mV
B
W
T
Figure 40. Load Transient Response, ILOAD = 1 mA to 200 mA,
VOUT = 1.8 V, VIN = 3 V, CH1 Load Current (ILOAD), CH2 VOUT
CH1 1V BW
M4.0µs
A CH4
2.08V
T 93.4%
1
2
CH2 5mV
T
Figure 41. Line Transient Response, ILOAD = 200 mA,
VOUT = 1.8 V, CH1 VIN, CH2 VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com