Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7185ACPZN1.5-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP7185ACPZN1.5-R7
Description  ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7185ACPZN1.5-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP7185ACPZN1.5-R7 Datasheet HTML 1Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 2Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 3Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 4Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 5Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 6Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 7Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 8Page - Analog Devices ADP7185ACPZN1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADP7185
Data Sheet
Rev. 0 | Page 4 of 19
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
UNDERVOLTAGE LOCKOUT THRESHOLDS
Input Voltage
Rising
UVLORISE
−1.77
V
Falling
UVLOFALL
−1.58
V
Hysteresis
UVLOHYS
90
mV
EN INPUT (NEGATIVE)
−2 V ≤ VIN ≤ −5.5 V
Logic High
VEN-NEG-HIGH
VOUT = off to on
−1.3
−1.16
V
Logic Low
VEN-NEG_LOW
VOUT = on to off
−0.96
-0.88
V
Hysteresis
ENHYS-NEG
191
mV
Leakage Current
IEN-LKG
EN = VIN or GND
−0.25
μA
EN INPUT (POSITIVE)
−2 V ≤ VIN ≤ −5.5 V
Logic High
VEN-POS-HIGH
VOUT = off to on
0.96
1.25
V
Logic Low
VEN-POS-LOW
VOUT = on to off
0.5
0.89
V
Leakage Current
IEN-LKG
VEN = 5 V, VIN = −5.5 V
4.0
6.0
μA
1 Guaranteed by characterization but not production tested.
2 Based on an endpoint calculation using −1 mA and −500 mA loads.
3 Dropout voltage is defined as the input to output voltage differential when the input voltage is set to the nominal output voltage. Dropout applies only for output
voltages below −2 V.
4 Start-up time is defined as the time between the rising edge of EN to VOUT being at 90% of its nominal value.
5 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit threshold for a
−3.0 V output voltage is defined as the current that causes the output voltage to drop to 90% of −3.0 V, or −2.7 V.
INPUT AND OUTPUT CAPACITOR RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE
TA = −40°C to +125°C
Minimum CIN and COUT Capacitance1
CIN, COUT
3.3
4.7
μF
Minimum CA and CREG Capacitance2
CA, CREG
0.7
1
μF
Minimum CAFB Capacitance3
CAFB
0.7
10
nF
Capacitor Equivalent Series Resistance (ESR)
RESR
0.1
Ω
1 The minimum input and output capacitance must be greater than 3.3 μF over the full range of operating conditions. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any LDO.
2 The minimum CA and CREG capacitance must be greater than 0.7 μF over the full range of operating conditions. X7R and X5R type capacitors are recommended; Y5V
and Z5U capacitors are not recommended for use with any LDO.
3 The minimum CAFB capacitance must be greater than 0.7 nF over the full range of operating conditions. X7R and X5R type capacitors are recommended; Y5V and Z5U
capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com