Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7185ACPZN1.8-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP7185ACPZN1.8-R7
Description  ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7185ACPZN1.8-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP7185ACPZN1.8-R7 Datasheet HTML 3Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 4Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 5Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 6Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 7Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 8Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 9Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 10Page - Analog Devices ADP7185ACPZN1.8-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADP7185
Rev. 0 | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = −3.8 V, VOUT = −3.3 V, IOUT = −10 mA, CIN = COUT = 4.7 μF, CAFB = 10 nF, CA = CREG = 1 μF, and TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–40
–60
–20
140
120
100
80
60
40
20
0
–1.216
–1.211
–1.206
–1.201
–1.196
–1.191
–1.186
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
ILOAD = –500mA
Figure 4. Output Voltage (VOUT) vs. Junction Temperature, VOUT = −1.2 V
ILOAD (mA)
–1000
–10
–100
–1.216
–1.211
–1.206
–1.201
–1.196
–1.191
–1.186
Figure 5. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −1.2 V
VIN (V)
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.246
–1.236
–1.226
–1.216
–1.206
–1.196
–1.186
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
ILOAD = –500mA
Figure 6. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = −1.2 V
JUNCTION TEMPERATURE (°C)
–15
–40
10356085
110
135
–8
–7
–6
–5
–4
–3
–2
–1
0
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
ILOAD = –500mA
Figure 7. Ground Current vs. Junction Temperature (TJ), VOUT = −1.2 V
ILOAD (mA)
–6
–5
–4
–3
–2
–1
0
–500 –450 –400 –350 –300 –250 –200 –150 –100 –50
0
Figure 8. Ground Current vs. Load Current (ILOAD), VOUT = −1.2 V
VIN (V)
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–8
–7
–6
–5
–4
–3
–2
–1
0
NO LOAD
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –300mA
ILOAD = –500mA
Figure 9. Ground Current vs. Input Voltage (VIN), VOUT = −1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com