Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7142ARDZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADP7142ARDZ
Description  40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7142ARDZ Datasheet(HTML) 2 Page - Analog Devices

  ADP7142ARDZ Datasheet HTML 1Page - Analog Devices ADP7142ARDZ Datasheet HTML 2Page - Analog Devices ADP7142ARDZ Datasheet HTML 3Page - Analog Devices ADP7142ARDZ Datasheet HTML 4Page - Analog Devices ADP7142ARDZ Datasheet HTML 5Page - Analog Devices ADP7142ARDZ Datasheet HTML 6Page - Analog Devices ADP7142ARDZ Datasheet HTML 7Page - Analog Devices ADP7142ARDZ Datasheet HTML 8Page - Analog Devices ADP7142ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADP7142
Data Sheet
Rev. H | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Typical Application Circuits........................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Input and Output Capacitance, Recommended Specifications.. 4
 
Absolute Maximum Ratings ........................................................... 5
 
Thermal Data ................................................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configurations and Function Descriptions........................... 6
 
Typical Performance Characteristics............................................. 7
 
Theory of Operation ...................................................................... 13
 
Applications Information ............................................................. 14
 
ADIsimPower Design Tool ...................................................... 14
 
Capacitor Selection .................................................................... 14
 
Programable Precision Enable ................................................. 15
 
Soft Start ...................................................................................... 15
 
Noise Reduction of the ADP7142 in Adjustable Mode........ 16
 
Effect of Noise Reduction on Start-Up Time......................... 16
 
Current-Limit and Thermal Overload Protection ................ 17
 
Thermal Considerations ........................................................... 17
 
Printed Circuit Board Layout Considerations ........................... 20
 
Outline Dimensions....................................................................... 22
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
3/2020—Rev. G to Rev. H
Changes to General Description Section ...................................... 1
Changes to Shutdown Current Parameter, Table 1..................... 3
Changes to Theory of Operation Section.................................... 13
Change to Figure 50 ....................................................................... 16
Changes to Current-Limit and Thermal Overload
Protection Section .......................................................................... 17
Changes to Table 8 and Table 9.................................................... 21
10/2019—Rev. F to Rev. G
Changes to Features Section and General Description Section .......1
Changes to Ordering Guide.......................................................... 23
9/2018—Rev. E to Rev. F
Changes to Ordering Guide.......................................................... 23
4/2018—Rev. D to Rev. E
Changes to Features Section ........................................................... 1
Changes to Ordering Guide.......................................................... 23
11/2017—Rev. C to Rev. D
Changes to Ordering Guide.......................................................... 22
Updated Outline Dimensions ...................................................... 23
6/2016—Rev. B to Rev. C
Changes to Figure 42 ..................................................................... 13
Changes to Programmable Precision Enable Section and Soft
Start Section .................................................................................... 15
Changes to Figure 50 ..................................................................... 16
Added Effect of Noise Reduction on Start-Up Time Section .. 16
4/2015—Rev. A to Rev. B
Changes to Ordering Guide.......................................................... 23
12/2014—Rev. 0 to Rev. A
Changes to Figure 36 to Figure 41 ............................................... 12
Changes to Figure 44 ..................................................................... 14
Updated Figure 67; Outline Dimensions.................................... 22
9/2014—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com