Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7185ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP7185ACPZN-R7
Description  ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7185ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP7185ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP7185ACPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADP7185
Data Sheet
Rev. 0 | Page 12 of 19
LOAD CURRENT (mA)
–1000
–100
–10
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
4.25
4.30
4.35
4.40
10Hz TO 100kHz
100Hz TO 100kHz
Figure 34. RMS Noise vs. Load Current (ILOAD) at Various Frequencies,
VIN = −3.8 V, VOUT = −3.3 V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
–4.5V ADJ
–4.5V
–3.3V
–2.5V
–1.2V
0.1
1
10
100
1k
10k
Figure 35. Noise Spectral Density (NSD) vs. Frequency at Various Output Voltages,
VIN = −3.8 V, VOUT = −3.3 V
CH1 995mV
500mV/DIV
CH2 –2.00mV
2.0mV
5.0µs/DIV
1MS 20GS/s
STOP 40mV
EDGE POSITIVE
2
1
VIN
VOUT
Figure 36. Line Transient Response, 500 mV Step, VOUT = −1.2 V, ILOAD = −500 mA
CH1 995mV
500mV/DIV
CH2 –20.5mV
2.0mV
5.0µs/DIV
1MS 20GS/s
STOP 40mV
EDGE POSITIVE
2
1
VIN
VOUT
Figure 37. Line Transient Response, 500 mV Step, VOUT = −3.3 V, ILOAD = −500 mA
CH1 –475mA
500mA/DIV
CH2 5.0mV
9.9mV
10.0µs/DIV
2MS 20GS/s
STOP –220mA
EDGE POSITIVE
2
1
ILOAD
VOUT
Figure 38. Load Transient Response, VOUT = −1.2 V, ILOAD = −10 mA to −500 mA
CH1 –215.0mA
200mA/DIV
CH2 3.6mV
2.0mV
10.0µs/DIV
2MS 20GS/s
STOP –222mA
EDGE POSITIVE
2
1
ILOAD
VOUT
Figure 39. Load Transient Response, VOUT = −2.5 V, ILOAD = −10 mA to −500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com