Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3622 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC3622 Datasheet HTML 36Page - Analog Devices LTC3622 Datasheet HTML 37Page - Analog Devices LTC3622 Datasheet HTML 38Page - Analog Devices LTC3622 Datasheet HTML 39Page - Analog Devices LTC3622 Datasheet HTML 40Page - Analog Devices LTC3622 Datasheet HTML 41Page - Analog Devices LTC3622 Datasheet HTML 42Page - Analog Devices LTC3622 Datasheet HTML 43Page - Analog Devices LTC3622 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
LTC7131-1
42
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
1.2V/25A 1MHz Buck Regulator
VIN
5.5V TO 20V
PGOOD
PMBus
VOUT
1.2V
25A
LTC7131-1
100k
SGND
6.04k
0.5%
100pF
PGND
WP
PGOOD
SCL
SDA
ALERT
PGFD
ASEL
TRACK/SS
CSLEW
RT
PGLIM
REF
SVIN
VIN
7131-1 TA03
6.04k
1k
0.18µH
4700pF
47pF
CIN
22µF
×2
INTVCC
5.97k
0.5%
11.8k, 1%
46.4k
1%
64.9k
1%
10k
10k
10k
22nF
PGOOD DELAY: 1.6ms
PGOOD THRESHOLD ±20%
FREQUENCY: 1MHz
SOFT-START DELAY: 5ms
MARGIN SLEW RATE: 1%/ms
DCM MODE
PMBus ADDRESS: 0x22
COUT1
330µF
×2
COUT2
100µF
×2
CIN: TAIYO YUDEN LMK316BJ226ML-T
COUT1: PANASONIC EEF-SX0G331XE
COUT2: MURATA GRM32ER60J107ME20L
L: COILCRAFT XAL6030-181MEB
ILIM
MODE/SYNC
RUN_MSTR
RUN_STBY
CLKOUT
MARGIN
BOOST
SW
VSENSE+
VSENSE–
DAOUT
FB
ITH
CMDSH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com