Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LDI006 Datasheet(PDF) 2 Page - IOGEAR

Part # G2LDI006
Description  6ft (1.8m) Dual Link DVI-I Male to Male Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LDI006 Datasheet(HTML) 2 Page - IOGEAR

  G2LDI006 Datasheet HTML 1Page - IOGEAR G2LDI006 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
HD TVs or displays
with DVI-I connectors
Digital devices with
DVI connectors
Package Contents
1 x 6ft Dual Link DVI-I Cable
Specifications
Function
G2LDI006
Connectors
Video Input
Dual Link DVI-I Male
Video Output
Dual Link DVI-I Male
Video Resolution
Up to 2560x1600 @ 60Hz
Cable Length
6ft
Dimensions
G2LDI006
Unit Dimensions
Length
6ft
Unit Package Dimensions
Width
6in.
Height
9in.
Depth
1in.
Master Carton
Master Carton Qty.
60
Weight
Unit Pack Wt.
0.75lb
Unit Wt.
0.75lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com