Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LMM006 Datasheet(PDF) 2 Page - IOGEAR

Part # G2LMM006
Description  6ft 3.5mm (M) to 3.5mm (M) Aux Stereo Audio Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LMM006 Datasheet(HTML) 2 Page - IOGEAR

  G2LMM006 Datasheet HTML 1Page - IOGEAR G2LMM006 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
2 devices with a
3.5mm analog audio
connection
Package Contents
1 x 6ft 3.5mm (M) to 3.5mm
(M) Stereo Audio Cable
Specifications
Function
G2LMM006
Cable Type
3.5mm (M) to 3.5mm (M) Stereo Audio Cabl
Cable Length
6ft
Dimensions
G2LMM006
Unit Dimensions
Length
6ft
Unit Package Dimensions
Width
1.5in.
Height
1in.
Depth
6in.
Weight
Unit Pack Wt.
0.12lb
Unit Wt.
0.12lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com