Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDVIMVGAF Datasheet(PDF) 2 Page - IOGEAR

Part # GDVIMVGAF
Description  DVI-A (M) to VGA (F) Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDVIMVGAF Datasheet(HTML) 2 Page - IOGEAR

  GDVIMVGAF Datasheet HTML 1Page - IOGEAR GDVIMVGAF Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
1 x DVI-A supported
device
1 x VGA supported
device
1 x VGA cable
Package Contents
1 x DVI-A (M) to VGA (F)
Adapter
Specifications
Function
GDVIMVGAF
Connectors (Input)
DVI-A Male
Connectors (Output)
15 pin HDB Female
Dimensions
GDVIMVGAF
Unit Dimensions
Width
1.625in.
Height
1.75in.
Depth
0.625in.
Master Carton
Master Carton Qty.
50
Weight
Unit Wt.
0.06lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com