Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-FFF-RC Datasheet(PDF) 14 Page - Linx Technologies

Part # MDEV-FFF-RC
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-RC Datasheet(HTML) 14 Page - Linx Technologies

Back Button MDEV-FFF-RC Datasheet HTML 10Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 11Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 12Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 13Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 14Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 15Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 16Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 17Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 18Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
–
–
–
–
22
23
7. The Pairing Status area shows the current status of any pairing
operations.
8. The request Remote Sample configures the module to request a
response from a remote unit. This area configures the type of sample
that should be in the response and the address of the unit that should
respond.
9. The Read All button reads all of the current configurations from the
active module.
10. The Submit button writes all changes to the active module.
11. The Set Defaults button restores the active module to factory default
conditions.
12. The Commit button writes any changed configurations to non-volatile
memory. The changes should be written to the module using the
Submit button first, then the Commit button is used to make the
changes permanent.
Development Kit Demonstration Software Example
This example shows how to configure two modules to work with each
other. The software defaults to the Demo & EZConfiguration tab when
opened (Figure 22).
Install Carrier Boards onto the Programming Docks and plug a USB cable
between the Programming Docks and the PC. The software automatically
detects attached devices. The first module that is identified appears
under the Active label. This is the module that is actively controlled by
the software. Subsequent modules are listed under the Available label as
shown in Figure 23.
Modules must be paired with the active device. This is accomplished by
dragging modules from the Available or Known Modules lists to the Given
Permissions window as shown in Figure 24.
Figure 22: The Master Development System Software Demo and EZConfiguration Tab
Figure 23: The Master Development System Software Connected Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com