Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM-GPS-R4 Datasheet(PDF) 3 Page - Linx Technologies

Part # RXM-GPS-R4
Description  R4 Series GPS Receiver Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXM-GPS-R4 Datasheet(HTML) 3 Page - Linx Technologies

  RXM-GPS-R4 Datasheet HTML 1Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 2Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 3Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 4Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 5Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 6Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 7Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 8Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
–
–
1
Description
The R4 Series GPS receiver module is
a self-contained high-performance GPS
receiver. Based on the SiRFstar IV chipset,
it provides exceptional sensitivity, even
in dense foliage and urban canyons. The
module’s very low power consumption
helps maximize runtimes in battery
powered applications. With over 200,000
effective correlators, the R4 Series
receiver can acquire and track up to 48
satellites simultaneously in just seconds,
even at the lowest signal levels. Housed in a compact reflow-compatible
SMD package, the receiver requires no programming or additional RF
components (except an antenna) to form a complete GPS solution. The
module’s standard NMEA data output makes the R4 Series easy to
integrate, even by engineers without previous RF or GPS experience.
Features
• SiRF Star IV chipset
• Built-in jammer remover
• High sensitivity (–160dBm)
• 48 channels
• Fast TTFF at low signal levels
• Battery-backed SRAM
• CGEE allows 3-day prediction
• No programming necessary
• No external RF components
needed (except an antenna)
• No production tuning
• Direct serial interface
• Power down feature
• Compact surface-mount
package
• Manual or reflow compatible
Applications
• Positioning and Navigation
• Location and Tracking
• Security/Loss-Prevention
• Surveying
• Logistics
• Fleet Management
R4 Series GPS Receiver
Data Guide
Figure 1: Package Dimensions
Revised 10/26/2017
GPS MODULE
RXM-GPS-R4
LOT GRxxxx
0.591
(15.00)
0.512
(13.00)
0.087
(2.20)
29
Automated Assembly
31
Resources
Warning: This product incorporates numerous static-sensitive
components. Always wear an ESD wrist strap and observe proper ESD
handling procedures when working with this device. Failure to observe
this precaution may result in module damage or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com