Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACA201 Datasheet(PDF) 2 Page - Schneider Electric

Part # XACA201
Description  Harmony, pendant station, pistol grip, yellow, 2 push buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACA201 Datasheet(HTML) 2 Page - Schneider Electric

  XACA201 Datasheet HTML 1Page - Schneider Electric XACA201 Datasheet HTML 2Page - Schneider Electric XACA201 Datasheet HTML 3Page - Schneider Electric XACA201 Datasheet HTML 4Page - Schneider Electric XACA201 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Contact operation
Slow-break
Resistance across terminals
<= 25 MOhm
Operating force
13...15 N
Short-circuit protection
10 A fuse protection cartridge gG
Rated operational power in W
40 W DC-13 1000000 cycles 60 cyc/mn 120 V 0.5 inductive IEC 60947-5-1 ap-
pendix C
48 W DC-13 1000000 cycles 60 cyc/mn 48 V 0.5 inductive IEC 60947-5-1 appen-
dix C
65 W DC-13 1000000 cycles 60 cyc/mn 24 V 0.5 inductive IEC 60947-5-1 appen-
dix C
Terminals description ISO n°1
(13-14)NO
Terminal identifier
(13-14)NO
(11-12)NC
Product weight
0.6 lb(US) (0.27 kg)
Ordering and shipping details
Category
22473 - PUSHBUTTON, PENDANTS
Discount Schedule
CS2
GTIN
00785901645009
Nbr. of units in pkg.
1
Package weight(Lbs)
0.67000000000000004
Returnability
Y
Country of origin
FR
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Nickel compounds, which is known to the State of California to cause cancer, and
- - - - - - - Substance 2
Di-isodecyl phthalate (DIDP), which is known to the State of California to cause
birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov
Contractual warranty
Warranty period
18 months



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com