Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAPSTOFUL Datasheet(PDF) 1 Page - Schurter Inc.

Part # CAPSTOFUL
Description  Caps to Holder FUL (IP 67)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CAPSTOFUL Datasheet(HTML) 1 Page - Schurter Inc.

  CAPSTOFUL Datasheet HTML 1Page - Schurter Inc. CAPSTOFUL Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Accessories
Caps to FUL (IP 67)
https://www.schurter.com /PGZ02
Circuit Protection
Caps to Holder FUL (IP 67)
See below:
Approvals and Compliances
500 VAC · 4W/16A (VDE) · 600VAC/DC · 30A (UL/CSA)
References
Mating Cap to FUL; FUS
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite
Technical Data
Fuse-Link
5 x 20 / 6.3 x 32 mm
Rated Voltage
500 VAC (VDE), 600 VAC/DC (UL/CSA)
Rated current
16 A (VDE), 30 A (UL/CSA)
Rated Power Acceptance IEC 4 W / 16 A @ Ta 23 °C
Degree of Protection
IP67
Admissible Ambient Air Temp. -40 °C to 85 °C
Material: Cap
Thermoset, UL 94V-0
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, ␣
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60127-6
Miniature fuses. Part 6. Fuse-holders for miniature fuse-links
Designed according to
UL 4248-1
Industrial Control Equipment
Designed according to
CSA C22.2 no. 4248.1
Industrial Control Equipment
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements


Similar Part No. - CAPSTOFUL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CAPSTOFUL SCHURTER-CAPSTOFUL Datasheet
222Kb / 2P
Caps to Holder FUL (IP 67)
19.08.2020
More results

Similar Description - CAPSTOFUL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
Caps to Holder FEC
FEU SCHURTER-FEU Datasheet
534Kb / 3P
Caps to Holder FEU, FEU (Med), FAU, FAC
FUL SCHURTER-FUL Datasheet
522Kb / 3P
Caps to Holder FUL, FUP, FUA
logo
Switchcraft, Inc.
DCCHD15F SWITCH-DCCHD15F Datasheet
1Mb / 2P
Sealed D-sub (IP-67)
logo
Schurter Inc.
0031.1812 SCHURTER-0031.1812 Datasheet
178Kb / 1P
Caps for Holder FEU (Grip)
FEU SCHURTER-FEU_V01 Datasheet
220Kb / 2P
Caps to Holder FEU, FEU (Med), FAU, FAC
0031.2320 SCHURTER-0031.2320 Datasheet
222Kb / 2P
Caps to Holder FUL (IP 67)
19.08.2020
CAPSTOFUL SCHURTER-CAPSTOFUL Datasheet
222Kb / 2P
Caps to Holder FUL (IP 67)
19.08.2020
CAPSTOFEC SCHURTER-CAPSTOFEC_V01 Datasheet
220Kb / 2P
Caps to Holder FEC
04.01.2022
logo
Amphenol RF.
292-180 RF-292-180 Datasheet
273Kb / 1P
BNC STR PLUG IP 67 TO BNC STR PLUG IP 67 USING RG 58 CABLE VARIOUS LENGTH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com