Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 8 Page - Linx Technologies

Part # MDEV-868-PRC
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 8 Page - Linx Technologies

Back Button MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies MDEV-868-PRC Datasheet HTML 10Page - Linx Technologies MDEV-868-PRC Datasheet HTML 11Page - Linx Technologies MDEV-868-PRC Datasheet HTML 12Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
–
–
4
ElectricalSpecifications
Figure 4: Electrical Specifications
Please see the HumPRCTM Series Transceiver module data guide for full
electrical specifications.
HumPRCTM Series Transceiver Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units Notes
Power Supply
Operating Voltage
V
CC
2.0
3.6
VDC
TX Supply Current
l
CCTX
at +10dBm
40.5
41.5
mA
1,2
at 0dBm
22
24
mA
1,2
RX Supply Current
l
CCRX
23.5
24.5
mA
1,2,3
Power-Down Current
l
PDN
0.7
1.4
µA
1,2
RF Section
Operating Frequency Band
F
C
MHz
EVM-900-PRC
902
928
MHz
EVM-868-PRC
863
870
MHz
RF Data Rate
EVM-900-PRC
19.2
152.34
kbps
EVM-868-PRC
38.4
kbps
Serial Data Rate
9.6
115.2
kbps
Receiver Sensitivity
5
EVM-900-PRC @min rate
–98
–101
dBm
5
EVM-900-PRC @max rate
–91
–94
dBm
5
EVM-868-PRC
–97
–100
dBm
5
Output Power
P
O
EVM-900-PRC
+8.5
+9.5
dBm
6
EVM-868-PRC
+8.5
+10.6
dBm
6
Antenna Port
RF Impedance
R
IN
50
Ω
4
Environmental
Operating Temp. Range
−40
+85
ºC
4
1.
Measured at 3.3V V
CC
2.
Measured at 25ºC
3.
Input power < -60dBm
4.
Characterized but not tested
5.
PER = 5%
6.
Into a 50-ohm load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com