Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON-SOC-EVM Datasheet(PDF) 13 Page - Linx Technologies

Part # CON-SOC-EVM
Description  HumPRCTM Series Evaluation Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CON-SOC-EVM Datasheet(HTML) 13 Page - Linx Technologies

Back Button CON-SOC-EVM Datasheet HTML 8Page - Linx Technologies CON-SOC-EVM Datasheet HTML 9Page - Linx Technologies CON-SOC-EVM Datasheet HTML 10Page - Linx Technologies CON-SOC-EVM Datasheet HTML 11Page - Linx Technologies CON-SOC-EVM Datasheet HTML 12Page - Linx Technologies CON-SOC-EVM Datasheet HTML 13Page - Linx Technologies CON-SOC-EVM Datasheet HTML 14Page - Linx Technologies CON-SOC-EVM Datasheet HTML 15Page - Linx Technologies CON-SOC-EVM Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
–
–
9
Power Supply Requirements
The module does not have an internal voltage regulator, therefore it requires
a clean, well-regulated power source. The power supply noise should be
less than 20mV. Power supply noise can significantly affect the module’s
performance, so providing a clean power supply for the module should be
a high priority during design.
A 10
Ω resistor in series with the supply followed
by a 10μF tantalum capacitor from V
cc to ground
helps in cases where the quality of supply power
is poor. This filter should be placed close to the
module’s supply lines. These values may need to
be adjusted depending on the noise present on
the supply line.
10
Ω
10
µF
Vcc IN
Vcc TO
MODULE
Figure 10: Supply Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com