Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6219R Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6219R
Description  STEPPER MOTOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219R Datasheet(HTML) 5 Page - STMicroelectronics

  L6219R Datasheet HTML 1Page - STMicroelectronics L6219R Datasheet HTML 2Page - STMicroelectronics L6219R Datasheet HTML 3Page - STMicroelectronics L6219R Datasheet HTML 4Page - STMicroelectronics L6219R Datasheet HTML 5Page - STMicroelectronics L6219R Datasheet HTML 6Page - STMicroelectronics L6219R Datasheet HTML 7Page - STMicroelectronics L6219R Datasheet HTML 8Page - STMicroelectronics L6219R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L6219R
3
Functional Description
The circuit is intended to drive both windings of a bipolar stepper motor.
The peak current control is generated through switch mode regulation.There is a choice of three different current
levels with the two logic inputs I01 - I11 for winding 1 and I02 - I12 for winding 2.
The current can also be switched off completely
3.1 Input Logic (I0 and I1)
The current level in the motor winding is selected with these inputs. (See fig. 5)
If any of the logic inputs is left open, the circuit will treat it has a high level input.
Table 6.
3.2 Phase
This input determines the direction of current flow in the windings, depending on the motor connections. The
signal is fed through a Schmidt-trigger for noise immunity, and through a time delay in order to guarantee that
no short-circuit occurs in the output stage during phase-shift.High level on the PHASE input causes the motor
current flow from Out A through the winding to Out B
3.3 Current Sensor
This part contains a current sensing resistor (RS), a low pass filter (RC, CC) and three comparators.Only one
comparator is active at a time. It is activated by the input logic according to the current level chosen with signals
Io and I1.The motor current flows through the sensing resistor RS.When the current has increased so that the
voltage across RS becomes higher than the reference voltage on the other comparator input, the comparator
goes high, which triggers the pulse generator.
The max peak current Imax can be defined by:
See figures 4, 5 and 6 for maximum allowable output current and reference voltage versus Vs supply.
3.4 Single-pulse Generator
The pulse generator is a monostable triggered on the positive going edge of the comparator output.The
monostable output is high during the pulse time, toff , which is determined by the time components Rt and Ct.
toff = 1.1 · RtCt
The single pulse switches off the power feed to the motor winding, causing the winding current to decrease dur-
ing toff.If a new trigger signal should occur during toff, it is ignored.
3.5 Output Stage
The output stage contains four Darlington transistors (source drivers) four saturated transistors (sink drivers)
and eight diodes, connected in two H bridge.
I0
I1
Current Level
H
H
No Current
L
H
Low current 1/3 IO max
H
L
Medium current 2/3 IO max
L
L
Maximum current IO max
I
max
V
ref
10R
s
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com